Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC7562 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części DAC7562
Szczegółowy opis  Internal Reference
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7562 Arkusz danych(HTML) 5 Page - Texas Instruments

  DAC7562_15 Datasheet HTML 1Page - Texas Instruments DAC7562_15 Datasheet HTML 2Page - Texas Instruments DAC7562_15 Datasheet HTML 3Page - Texas Instruments DAC7562_15 Datasheet HTML 4Page - Texas Instruments DAC7562_15 Datasheet HTML 5Page - Texas Instruments DAC7562_15 Datasheet HTML 6Page - Texas Instruments DAC7562_15 Datasheet HTML 7Page - Texas Instruments DAC7562_15 Datasheet HTML 8Page - Texas Instruments DAC7562_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
www.ti.com
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
7 Specifications
7.1 Absolute Maximum Ratings
(1)
Over operating ambient temperature range (unless otherwise noted).
MIN
MAX
UNIT
AVDD to GND
–0.3
6
V
CLR, DIN, LDAC, SCLK and SYNC input voltage to GND
–0.3
AVDD + 0.3
V
VOUT[A, B] to GND
–0.3
AVDD + 0.3
V
VREFIN/VREFOUT to GND
–0.3
AVDD + 0.3
V
Operating temperature range
–40
125
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
Supply voltage
AVDD to GND
2.7
5.5
V
DIGITAL INPUTS
Digital input voltage
CLR, DIN, LDAC, SCLK and SYNC
0
AVDD
V
REFERENCE INPUT
VREFIN
Reference input voltage
0
AVDD
V
TEMPERATURE RANGE
TA
Operating ambient temperature
–40
125
°C
7.4 Thermal Information
DAC756x, DAC816x, DAC856x
THERMAL METRIC
DSC (WSON)
DGS (VSSOP)
UNIT
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
62.8
173.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
44.3
48.5
°C/W
RθJB
Junction-to-board thermal resistance
26.5
79.9
°C/W
ψJT
Junction-to-top characterization parameter
0.4
1.7
°C/W
ψJB
Junction-to-board characterization parameter
25.5
68.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
46.2
N/A
°C/W
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563


Podobny numer części - DAC7562_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC7562-Q1 TI1-DAC7562-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power, Buffered, Voltage-Output DACs
DAC7562SDGSR TI1-DAC7562SDGSR Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7562SDGSR TI1-DAC7562SDGSR Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC7562SDGST TI1-DAC7562SDGST Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7562SDGST TI1-DAC7562SDGST Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
More results

Podobny opis - DAC7562_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC7562T TI1-DAC7562T Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
   Internal Bandgap Reference
08/20/13
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
[Old version datasheet]   DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX11626 MAXIM-MAX11626_14 Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
logo
Texas Instruments
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Hotchip Technology Co.,...
HT3582D HOTCHIP-HT3582D Datasheet
911Kb / 6P
   Internal reference source Adjusted idler voltage
logo
Texas Instruments
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
[Old version datasheet]   Dual Operational Amplifiers With Internal Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com