Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC3482IRKDT Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC3482IRKDT
Szczegółowy opis  Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482IRKDT Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button DAC3482IRKDT Datasheet HTML 7Page - Texas Instruments DAC3482IRKDT Datasheet HTML 8Page - Texas Instruments DAC3482IRKDT Datasheet HTML 9Page - Texas Instruments DAC3482IRKDT Datasheet HTML 10Page - Texas Instruments DAC3482IRKDT Datasheet HTML 11Page - Texas Instruments DAC3482IRKDT Datasheet HTML 12Page - Texas Instruments DAC3482IRKDT Datasheet HTML 13Page - Texas Instruments DAC3482IRKDT Datasheet HTML 14Page - Texas Instruments DAC3482IRKDT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
DAC3482
www.ti.com
SLAS748F – MARCH 2011 – REVISED AUGUST 2015
ZAY Package Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
IOUTIP
F14
O
I-Channel DAC current output. Connect directly to ground if unused.
IOUTIN
E14
O
I-Channel DAC complementary current output. Connect directly to ground if unused.
IOUTQP
J14
O
Q-Channel DAC current output. Connect directly to ground if unused.
IOUTQN
K14
O
Q-Channel DAC complementary current output. Connect directly to ground if unused.
D5, D6, G5, H5,
IOVDD
I
Supply voltage for all digital I/O. (3.3 V)
L5, L6
PLL loop filter connection. If not using the clock multiplying PLL, the LPF pin can be left
LPF
D12
I
unconnected.
LVPECL output strobe positive input. This positive/negative pair is captured with the rising edge of
OSTRP
A9
I
DACCLKP/N. It is used for multiple DAC synchronization. If unused it can be left unconnected.
OSTRN
B9
I
LVPECL output strobe negative input. (See the OSTRP description above.)
Optional LVDS positive input parity bit. The PARITYP/N LVDS pair has an internal 100-
PARITYP
N5
I
termination resistor. If unused it can be left unconnected.
PARITYN
P5
I
Optional LVDS negative input parity bit.
PLLAVDD
C11, D11
I
PLL analog supply voltage. (3.3 V)
SCLK
P9
I
Serial interface clock. Internal pull-down.
SDENB
P10
I
Active low serial data enable, always an input to the DAC3482. Internal pull-up.
SDIO
P11
I/O
Serial interface data. Bi-directional in 3-pin mode (default) and 4-pin mode. Internal pull-down.
Uni-directional serial interface data in 4-pin mode. The SDO pin is three-stated in 3-pin interface
SDO
P12
O
mode (default).
Active high asynchronous hardware power-down input. Internal pull-down. If SLEEP pin is set to
SLEEP
B8
I
logic HIGH before and during device power-up and initialization, the fuse_sleep bit in register
0x1B, bit 11 must be written after register 0x23 during device initialization register setup.
Optional LVDS SYNC positive input. The SYNCP/N LVDS pair has an internal 100-
Ω termination
SYNCP
A5
I
resistor. If unused it can be left unconnected.
SYNCN
B5
I
LVDS SYNC negative input.
Active low input for chip RESET, which resets all the programming registers to their default state.
RESETB
N10
I
Internal pull-up.
Transmit enable active high input. Internal pull-down.
To enable analog output data transmission, set sif_txenable in register config3 to 1b or pull CMOS
TXENABLE
N9
I
TXENABLE pin to high.
To disable analog output, set sif_txenable to 0b and pull CMOS TXENABLE pin to low. The DAC
output is forced to midscale.
This pin is used for factory testing. Internal pull-down. Leave unconnected for normal
TESTMODE
A8
O
operation.
Digital supply voltage. This supply pin is also used for factory fuse programming. Connect to
VFUSE
D7
I
DACVDD for normal operation.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DAC3482


Podobny numer części - DAC3482IRKDT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC3482IRKDT TI1-DAC3482IRKDT Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482IRKDT TI1-DAC3482IRKDT Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Podobny opis - DAC3482IRKDT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com