Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7955SRGER Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7955SRGER
Szczegółowy opis  Single-Ended, MicroPower, Serial Interface ADCs
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7955SRGER Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS7955SRGER Datasheet HTML 6Page - Texas Instruments ADS7955SRGER Datasheet HTML 7Page - Texas Instruments ADS7955SRGER Datasheet HTML 8Page - Texas Instruments ADS7955SRGER Datasheet HTML 9Page - Texas Instruments ADS7955SRGER Datasheet HTML 10Page - Texas Instruments ADS7955SRGER Datasheet HTML 11Page - Texas Instruments ADS7955SRGER Datasheet HTML 12Page - Texas Instruments ADS7955SRGER Datasheet HTML 13Page - Texas Instruments ADS7955SRGER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
ADS7950, ADS7951, ADS7952, ADS7953, ADS7954, ADS7955
ADS7956, ADS7957, ADS7958, ADS7959, ADS7960, ADS7961
SLAS605B – JUNE 2008 – REVISED JULY 2015
www.ti.com
7.6 Electrical Characteristics: ADS7950/51/52/53
VA = 2.7 V to 5.25 V, VBD = 1.7 V to 5.25 V, Vref = 2.5 V ± 0.1 V, TA = –40°C to 125°C, fsample = 1 MHz (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Range 1
0
Vref
Full-scale input span(1)
V
Range 2 while 2Vref
≤ +VA
0
2*Vref
–0.2
VREF
Range 1
+0.2
Absolute input range
V
–0.2
2*VREF
Range 2 while 2Vref
≤ +VA
+0.2
Input capacitance
15
ρF
Input leakage current
TA = 125°C
61
nA
SYSTEM PERFORMANCE
Resolution
12
Bits
ADS795XSB (2)
12
No missing codes
Bits
ADS795XS(2)
11
ADS795XSB(2)
–1
±0.5
1
Integral linearity
LSB(3)
ADS795XS(2)
–1.5
±0.75
1.5
ADS795XSB(2)
–1
±0.5
1
Differential linearity
LSB
ADS795XS(2)
–2
±0.75
1.5
Offset error(4)
–3.5
±1.1
3.5
LSB
Range 1
–2
±0.2
2
Gain error
LSB
Range 2
±0.2
Total unadjusted error (TUE)
±2
LSB
SAMPLING DYNAMICS
Conversion time
20 MHz sclk
800
ns
Acquisition time
325
ns
Maximum throughput rate
20 MHz sclk
1
MHz
Aperture delay
5
ns
Step response
150
ns
Overvoltage recovery
150
ns
(1)
Ideal input span; does not include gain or offset error.
(2)
ADS795X, where X indicates 0, 1, 2, or 3
(3)
LSB means Least Significant Bit.
(4)
Measured relative to an ideal full-scale input
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: ADS7950 ADS7951 ADS7952 ADS7953 ADS7954 ADS7955 ADS7956 ADS7957 ADS7958
ADS7959 ADS7960 ADS7961


Podobny numer części - ADS7955SRGER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7955SRGER TI1-ADS7955SRGER Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results

Podobny opis - ADS7955SRGER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI1-ADS7950_14 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI-ADS7950 Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7955-Q1 TI1-ADS7955-Q1 Datasheet
628Kb / 32P
[Old version datasheet]   10-Bit, 1 MSPS, 8-Channel, Single-Ended, MicroPower, Serial Interface ADC
ADS8860IDRCT TI1-ADS8860IDRCT Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8860 TI1-ADS8860_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com