Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7961SRHBT Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7961SRHBT
Szczegółowy opis  Single-Ended, MicroPower, Serial Interface ADCs
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7961SRHBT Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS7961SRHBT Datasheet HTML 2Page - Texas Instruments ADS7961SRHBT Datasheet HTML 3Page - Texas Instruments ADS7961SRHBT Datasheet HTML 4Page - Texas Instruments ADS7961SRHBT Datasheet HTML 5Page - Texas Instruments ADS7961SRHBT Datasheet HTML 6Page - Texas Instruments ADS7961SRHBT Datasheet HTML 7Page - Texas Instruments ADS7961SRHBT Datasheet HTML 8Page - Texas Instruments ADS7961SRHBT Datasheet HTML 9Page - Texas Instruments ADS7961SRHBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
ADS7950, ADS7951, ADS7952, ADS7953, ADS7954, ADS7955
ADS7956, ADS7957, ADS7958, ADS7959, ADS7960, ADS7961
SLAS605B – JUNE 2008 – REVISED JULY 2015
www.ti.com
Pin Functions: TSSOP Packages (continued)
PIN
ADS7953
ADS7952
ADS7951
ADS7950
I/O
DESCRIPTION
NAME
ADS7957
ADS7956
ADS7955
ADS7954
ADS7961
ADS7960
ADS7959
ADS7958
GENERAL PURPOSE INPUTS / OUTPUTS(1)
GPIO0
I/O
General purpose input or output
High alarm or
37
37
29
29
Active high output indicating high alarm or high/low
High/Low
O
alarm depending on programming
alarm
GPIO1
I/O
General purpose input or output
38
38
30
30
Low alarm
O
Active high output indicating low alarm
GPIO2
I/O
General purpose input or output
1
1
1
1
Range
I
Selects range: High -> Range 2 / Low -> Range 1
GPIO3
I/O
General purpose input or output
2
2
2
2
PD
I
Active low power-down input
POWER SUPPLY AND GROUND
+VA
5, 29
5, 29
5, 21
5, 21
Analog power supply
6, 10, 19,
6, 10, 19,
AGND
6, 10, 22
6, 10, 22
Analog ground
20, 30
20, 30
+VBD
36
36
28
28
Digital I/O supply
BDGND
35
35
27
27
Digital ground
NC PINS
11, 12, 13,
11, 13, 15,
15, 16
Pins internally not connected, do not float these pins
14
16, 17, 19
(1)
These pins have programmable dual functionality. Refer to Table 12 for functionality programming
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: ADS7950 ADS7951 ADS7952 ADS7953 ADS7954 ADS7955 ADS7956 ADS7957 ADS7958
ADS7959 ADS7960 ADS7961


Podobny numer części - ADS7961SRHBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7961SRHBT TI1-ADS7961SRHBT Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7961SRHBT TI1-ADS7961SRHBT Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results

Podobny opis - ADS7961SRHBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI1-ADS7950_14 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI-ADS7950 Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7955-Q1 TI1-ADS7955-Q1 Datasheet
628Kb / 32P
[Old version datasheet]   10-Bit, 1 MSPS, 8-Channel, Single-Ended, MicroPower, Serial Interface ADC
ADS8860IDRCT TI1-ADS8860IDRCT Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8860 TI1-ADS8860_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com