Zakładka z wyszukiwarką danych komponentów |
|
L78L12ACZ-AP Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
L78L12ACZ-AP Arkusz danych(HTML) 6 Page - STMicroelectronics |
6 / 46 page Electrical characteristics L78L 6/46 DocID2145 Rev 25 4 Electrical characteristics Refer to the test circuits, TJ = 0 to 125 °C, VI = 8.3 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified. Table 3. Electrical characteristics of L78L33C Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25 °C 3.036 3.3 3.564 V VO Output voltage IO = 1 to 40 mA, VI = 5.3 to 20 V 2.97 3.63 V IO = 1 to 70 mA, VI = 8.3 V 2.97 3.63 DVO Line regulation VI = 5.3 to 20 V, TJ = 25 °C 150 mV VI = 6.3 to 20 V, TJ = 25 °C 100 DVO Load regulation IO = 1 to 100 mA, TJ = 25 °C 60 mV IO = 1 to 40 mA, TJ = 25 °C 30 Id Quiescent current TJ = 25 °C 6 mA TJ = 125 °C 5.5 mA DId Quiescent current change IO = 1 to 40 mA 0.2 mA VI = 6.3 to 20 V 1.5 eN Output noise voltage B = 10 Hz to 100 kHz, TJ = 25 °C 40 µV SVR Supply voltage rejection VI = 6.3 to 16.3 V, f = 120 Hz IO = 40 mA, TJ = 25 °C 41 49 dB Vd Dropout voltage 1.7 V |
Podobny numer części - L78L12ACZ-AP |
|
Podobny opis - L78L12ACZ-AP |