Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STFI24NM60N Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części STFI24NM60N
Szczegółowy opis  Low input capacitance and gate charge
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI24NM60N Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button STFI24NM60N Datasheet HTML 4Page - STMicroelectronics STFI24NM60N Datasheet HTML 5Page - STMicroelectronics STFI24NM60N Datasheet HTML 6Page - STMicroelectronics STFI24NM60N Datasheet HTML 7Page - STMicroelectronics STFI24NM60N Datasheet HTML 8Page - STMicroelectronics STFI24NM60N Datasheet HTML 9Page - STMicroelectronics STFI24NM60N Datasheet HTML 10Page - STMicroelectronics STFI24NM60N Datasheet HTML 11Page - STMicroelectronics STFI24NM60N Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DocID022440 Rev 3
9/12
STFI24NM60N
Package mechanical data
12
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.


Podobny numer części - STFI24NM60N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STFI24N60M2 STMICROELECTRONICS-STFI24N60M2 Datasheet
1Mb / 14P
   N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in TO-220FP and I2PAKFP packages
More results

Podobny opis - STFI24NM60N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
   Low input capacitance and gate charge
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
   Low input capacitance and gate charge
November 2012 Rev 2
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
   Low input capacitance and gate charge
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
   Low gate charge and input capacitance
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
   Low gate charge and input capacitance
December 2016 Rev 2
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
   Low input capacitance and gate charge
STE145N65M5 STMICROELECTRONICS-STE145N65M5 Datasheet
820Kb / 13P
   Low gate charge and input capacitance
November 2015 Rev 2
STB26NM60ND STMICROELECTRONICS-STB26NM60ND Datasheet
1Mb / 23P
   Low input capacitance and gate charge
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
   Low input capacitance and gate charge
November 2014 Rev 2
STB7ANM60N STMICROELECTRONICS-STB7ANM60N Datasheet
1Mb / 20P
   Low input capacitance and gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com