Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP80N70F4 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części STP80N70F4
Szczegółowy opis  N-channel 68 V, 8.2 m廓 typ., 85 A STripFET??DeepGATE?? Power MOSFET in TO-220 package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80N70F4 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button STP80N70F4 Datasheet HTML 4Page - STMicroelectronics STP80N70F4 Datasheet HTML 5Page - STMicroelectronics STP80N70F4 Datasheet HTML 6Page - STMicroelectronics STP80N70F4 Datasheet HTML 7Page - STMicroelectronics STP80N70F4 Datasheet HTML 8Page - STMicroelectronics STP80N70F4 Datasheet HTML 9Page - STMicroelectronics STP80N70F4 Datasheet HTML 10Page - STMicroelectronics STP80N70F4 Datasheet HTML 11Page - STMicroelectronics STP80N70F4 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Test circuits
STP80N70F4
8/12
Doc ID 18377 Rev 2
3
Test circuits
Figure 13.
Switching times test circuit for
resistive load
Figure 14.
Gate charge test circuit
Figure 15.
Test circuit for inductive load
switching and diode recovery times
Figure 16.
Unclamped inductive load test
circuit
Figure 17.
Unclamped inductive waveform
Figure 18.
Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS


Podobny numer części - STP80N70F4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN DOINGTER SEMIC...
STP80N70F4 DOINGTER-STP80N70F4 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Podobny opis - STP80N70F4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
   N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
STP310N10F7 STMICROELECTRONICS-STP310N10F7 Datasheet
824Kb / 13P
   N-channel 100 V, 2.3 m廓 typ., 180 A STripFET??VII DeepGATE?? Power MOSFET in a TO-220 package
July 2013 Rev 7
STD78N75F4 STMICROELECTRONICS-STD78N75F4 Datasheet
493Kb / 12P
   N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in TO-220 package
STP75N75F4 STMICROELECTRONICS-STP75N75F4 Datasheet
485Kb / 12P
   N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in a TO-220 package
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
   N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
STI300N4F6 STMICROELECTRONICS-STI300N4F6 Datasheet
782Kb / 13P
   N-channel 40 V, 1.7 m廓 typ., 160 A, STripFET??VI DeepGATE??Power MOSFET in a I짼PAK package
February 2013 Rev 2
STP80N6F6 STMICROELECTRONICS-STP80N6F6 Datasheet
465Kb / 12P
   Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET??VI DeepGATE??Power MOSFET in a TO-220 package
January 2014 Rev 2
STB120N10F4 STMICROELECTRONICS-STB120N10F4 Datasheet
949Kb / 18P
   N-channel 100 V, 8 m廓 typ., 120 A, STripFET??DeepGATE?? Power MOSFETs in D2PAK and TO-220 packages
April 2014 Rev 1
STH260N6F6-2 STMICROELECTRONICS-STH260N6F6-2 Datasheet
730Kb / 14P
   N-channel 60 V, 1.7 m廓 typ., 180 A STripFET??VI DeepGATE??Power MOSFET in H짼PAK-2 package
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
   N-channel 60 V, 3.3 m廓 typ., 25 A STripFET??VI DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
March 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com