Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP150NF04 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części STP150NF04
Szczegółowy opis  N-channel 40 V, 0.005typ., 80 A STripFET?줚I Power MOSFET in a TO-220 package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP150NF04 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button STP150NF04 Datasheet HTML 4Page - STMicroelectronics STP150NF04 Datasheet HTML 5Page - STMicroelectronics STP150NF04 Datasheet HTML 6Page - STMicroelectronics STP150NF04 Datasheet HTML 7Page - STMicroelectronics STP150NF04 Datasheet HTML 8Page - STMicroelectronics STP150NF04 Datasheet HTML 9Page - STMicroelectronics STP150NF04 Datasheet HTML 10Page - STMicroelectronics STP150NF04 Datasheet HTML 11Page - STMicroelectronics STP150NF04 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Test circuits
STP150NF04
8/12
Doc ID 14848 Rev 3
3
Test circuits
Figure 13.
Switching times test circuit for
resistive load
Figure 14.
Gate charge test circuit
Figure 15.
Test circuit for inductive load
switching and diode recovery times
Figure 16.
Unclamped inductive load test
circuit
Figure 17.
Unclamped inductive waveform


Podobny numer części - STP150NF04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN DOINGTER SEMIC...
STP150NF04 DOINGTER-STP150NF04 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Podobny opis - STP150NF04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STB150NF04 STMICROELECTRONICS-STB150NF04 Datasheet
395Kb / 11P
   N-channel 40 V - 0.005 廓 - 80 A - D2PAK STripFET?줚I Power MOSFET
STD180N4F6 STMICROELECTRONICS-STD180N4F6 Datasheet
775Kb / 16P
   N-channel 40 V, 2.5 m廓 typ., 80 A STripFET??F6 Power MOSFET in a DPAK package
July 2016 Rev 2
STP90N6F6 STMICROELECTRONICS-STP90N6F6 Datasheet
380Kb / 13P
   N-channel 60 V, 0.0057 廓 typ., 90 A STripFET??F6 Power MOSFET in a TO-220 package
March 2015 Rev 3
STP30N10F7 STMICROELECTRONICS-STP30N10F7 Datasheet
1Mb / 13P
   N-channel 100 V, 0.02 廓 typ., 32 A STripFET??F7 Power MOSFET in a TO-220 package
February 2016 Rev 1
STB170NF04 STMICROELECTRONICS-STB170NF04 Datasheet
594Kb / 15P
   N-channel 40 V, 4.4 m typ., 80 A STripFET II Power MOSFET in a D2PAK package
STP180N4F6 STMICROELECTRONICS-STP180N4F6 Datasheet
680Kb / 13P
   N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
October 2016
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
   N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
June 2016
STP80N70F4 STMICROELECTRONICS-STP80N70F4 Datasheet
659Kb / 12P
   N-channel 68 V, 8.2 m廓 typ., 85 A STripFET??DeepGATE?? Power MOSFET in TO-220 package
December 2012 Rev 2
STP310N10F7 STMICROELECTRONICS-STP310N10F7 Datasheet
824Kb / 13P
   N-channel 100 V, 2.3 m廓 typ., 180 A STripFET??VII DeepGATE?? Power MOSFET in a TO-220 package
July 2013 Rev 7
STP150N10F7AG STMICROELECTRONICS-STP150N10F7AG Datasheet
227Kb / 12P
   Automotive N-channel 100 V, 4.2 m廓 typ., 110 A, STripFET F7 Power MOSFET in a TO-220 package
July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com