Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD101CW Arkusz danych(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Numer części SD101CW
Szczegółowy opis  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Strona internetowa  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SD101CW Arkusz danych(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  SD101CW Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SD101CW Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD101AW-SD101CW
SCHOTTKY DIODES
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Marking: SD101AW:S1, SD101BW:S2, SD101CW:S3
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
60
SD101AW
15
50
2
.0
400
300
-65 to +125
Low forward voltage drop
Guard ring construction for transient protection
Negligible reverse recovery time
Maximum ratings and electrical characteristics, Single diode @TA=25
C
VOLTS
SYMBOLS
UNITS
VRRM
VRWM
VDC
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC Blocking voltage
RMS Reverse voltage
Forward continuous current
Repetitive peak forward current @t
<1.0s
@t=10
us
Power dissipation
Thermal resistance junction to ambient
Storage temperature
RΘJA
TSTG
V
mA
mA
A
mW
C/W
C
SD101BW
SD101CW
50
40
42
35
28
VR(RMS)
IFM
IFRM
Pd
Electrical ratings @TA=25
C
SYMBOLS
Conditions
V(BR)R
VF
IRM
CT
trr
Reverse breakdown voltage
SD101AW
SD101BW
SD101CW
Fowrard voltage
SD101AW
SD101BW
SD101CW
SD101AW
SD101BW
SD101CW
Reverse current
SD101AW
SD101BW
SD101CW
Capacitance between terminals
SD101AW
SD101BW
SD101CW
Reverse recovery time
PARAMETER
PARAMETER
Min.
Typ.
Max.
Unit
60
50
40
0.41
0.40
0.39
1.00
0.95
0.90
0.2
2.0
2.1
2.2
1.0
V
V
uA
pF
ns
IR=10
uA
IR=10
uA
IR=10
uA
IF=1.0mA
IF=1.0mA
IF=1.0mA
IF=15mA
IF=15mA
IF=15mA
VR=50V
VR=40V
VR=30V
VR=0V,f=1.0MHz
IF=IR=5mA
Irr=0.1XIR,RL=100
1.15(.045)
1.05(.041)
.25(.010)
MIN
SOD-123
1.80(.071)
1.40(.055)
3.86(0.152)
3.56(0.145)
2.84(0.112)
2.54(0.100)
.71(0.028)
.50(0.020)
1.35(.053)
.94(.037)
.15(.006)
MAX
.135(.005)
.127(.004)
0.6(.023)
0.5(.020)
3.9(0.154)
3.7(0.146)
1.65(.065)
1.55(.061)
2.7(0.106)
2.6(0.102)
Dimensions in millimeters and (inches)
www.shunyegroup.com.cn


Podobny numer części - SD101CW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
SD101CW DIODES-SD101CW Datasheet
70Kb / 2P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 9 - 2
logo
Microdiode Electronics ...
SD101CW CHENDA-SD101CW Datasheet
322Kb / 3P
   Schottky Barrier Diode
logo
Weitron Technology
SD101CW WEITRON-SD101CW Datasheet
280Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
SD101CW SECOS-SD101CW Datasheet
155Kb / 2P
   Plastic-Encapsulate Schottky Diodes
logo
General Semiconductor
SD101CW GE-SD101CW Datasheet
104Kb / 3P
   Schottky Diodes
More results

Podobny opis - SD101CW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com