Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25TA16K-AB6B3 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części ST25TA16K-AB6B3
Szczegółowy opis  NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA16K-AB6B3 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button ST25TA16K-AB6B3 Datasheet HTML 5Page - STMicroelectronics ST25TA16K-AB6B3 Datasheet HTML 6Page - STMicroelectronics ST25TA16K-AB6B3 Datasheet HTML 7Page - STMicroelectronics ST25TA16K-AB6B3 Datasheet HTML 8Page - STMicroelectronics ST25TA16K-AB6B3 Datasheet HTML 9Page - STMicroelectronics ST25TA16K-AB6B3 Datasheet HTML 10Page - STMicroelectronics ST25TA16K-AB6B3 Datasheet HTML 11Page - STMicroelectronics ST25TA16K-AB6B3 Datasheet HTML 12Page - STMicroelectronics ST25TA16K-AB6B3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
DocID027786 Rev 1
9/45
ST25TA16K
Functional description
10
1.1
Functional modes
The ST25TA16K has just one functional mode (see Table 2).
1.1.1
Tag mode
The ST25TA16K is supplied by the RF field and can communicate with an RF host (RFID
reader or an NFC phone). The User memory can only be accessed by the RF commands.
Table 2. Functional mode
Mode
Supply source
Comments
Tag mode
RF field only
The interface is connected


Podobny numer części - ST25TA16K-AB6B3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST25TA02K STMICROELECTRONICS-ST25TA02K Datasheet
886Kb / 50P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
ST25TA02K-AC6B5 STMICROELECTRONICS-ST25TA02K-AC6B5 Datasheet
886Kb / 50P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
ST25TA02K-D STMICROELECTRONICS-ST25TA02K-D Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
ST25TA02K-P STMICROELECTRONICS-ST25TA02K-P Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
ST25TA02K-PC6C5 STMICROELECTRONICS-ST25TA02K-PC6C5 Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
More results

Podobny opis - ST25TA16K-AB6B3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
   NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
SRTAG2KL STMICROELECTRONICS-SRTAG2KL Datasheet
1Mb / 51P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
ST25TA02K STMICROELECTRONICS-ST25TA02K Datasheet
886Kb / 50P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
   Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I짼C interface
February 2017 Rev 10
SRTAG512L STMICROELECTRONICS-SRTAG512L Datasheet
1Mb / 51P
   NFC Forum Type 4 Tag IC with 512 bits EEPROM
ST25TA512 STMICROELECTRONICS-ST25TA512 Datasheet
884Kb / 50P
   NFC Forum Type 4 Tag IC with 512 bits EEPROM
SRTAG2K-D STMICROELECTRONICS-SRTAG2K-D Datasheet
1Mb / 51P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
ST25TA02K-D STMICROELECTRONICS-ST25TA02K-D Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
ST25TA02K-P STMICROELECTRONICS-ST25TA02K-P Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
ST25TV04K-P STMICROELECTRONICS-ST25TV04K-P Datasheet
2Mb / 107P
   NFC Type 5 / RFID tag IC with 4-Kbit EEPROM and protection
Rev 2 - January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com