Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STGIF7CH60TS-L Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części STGIF7CH60TS-L
Szczegółowy opis  SLLIMM??- 2nd series IPM, 3-phase inverter, 10 A, 600 V short-circuit rugged IGBTs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIF7CH60TS-L Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button STGIF7CH60TS-L Datasheet HTML 3Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 4Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 5Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 6Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 7Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 8Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 9Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 10Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DocID026580 Rev 6
7/25
STGIF7CH60TS-L
Electrical characteristics
25
3
Electrical characteristics
(Tj= 25°C unless otherwise noted).
Table 7. Inverter parts
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
ICES
Collector-cut off
current
VCE = 600 V, VCC = Vboot = 15 V
-
100
µA
VCE(sat)
Collector-emitter
saturation voltage
VCC = VBoot = 15 V, VIN
(1)= 0 to 5 V,
IC = 7 A,
1.
Applied between HINx, LINx and GND for x = U, V, W
-1.5
1.95
V
VCC = VBoot = 15 V, VIN
(1)= 0 to 5 V,
IC = 10 A,
-1.7
VF
Diode forward voltage
VIN
(1) = 0, I
C = 7 A
-
1.5
2.1
V
VIN
(1) = 0, I
C = 10 A
-
1.6
V
Inductive load switching time and energy (2)
2.
ton and toff include the propagation delay time of the internal drive. tC(on) and tC(off) are the switching time
of IGBT itself under the internally given gate driving condition.
ton
Turn-on time
VDD = 300 V, VCC = Vboot = 15 V,
VIN
(1) = 0 to 5 V, I
C = 7 A
-310
ns
tc(on)
Cross-over time on
-
156
toff
Turn-off time
-
412
tc(off)
Cross-over time off
-
110
trr
Reverse recovery
time
-230
Eon
Turn-on switching
loss
-197
µJ
Eoff
Turn-off switching
loss
-84
Err
Reverse recovery
energy loss
21
ton
Turn-on time
VDD = 300 V, VCC = Vboot = 15 V,
VIN
(1) = 0 to 5 V, I
C = 10 A
-320
ns
tc(on)
Cross-over time on
-
172
toff
Turn-off time
-
400
tc(off)
Cross-over time off
-
102
trr
Reverse recovery
time
-248
Eon
Turn-on switching
loss
-305
µJ
Eoff
Turn-off switching
loss
-120
Err
Reverse recovery
energy loss
26


Podobny numer części - STGIF7CH60TS-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGIF7CH60TS-LZ STMICROELECTRONICS-STGIF7CH60TS-LZ Datasheet
933Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
February 2022 Rev 1
More results

Podobny opis - STGIF7CH60TS-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGIPQ8C60T-HZ STMICROELECTRONICS-STGIPQ8C60T-HZ Datasheet
697Kb / 25P
   SLLIMM??nano - 2nd series IPM, 3-phase inverter, 8 A, 600 V short-circuit rugged IGBTs
December 2016 Rev 3
STGIB30CH60TS-E STMICROELECTRONICS-STGIB30CH60TS-E Datasheet
572Kb / 22P
   SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
August 2014 Rev 2
STGIB30CH60TS-L STMICROELECTRONICS-STGIB30CH60TS-L Datasheet
587Kb / 22P
   SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
August 2014 Rev 2
STGIF7CH60TS-XZ STMICROELECTRONICS-STGIF7CH60TS-XZ Datasheet
596Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
February 2022 Rev 1
STGIF7CH60TS-LZ STMICROELECTRONICS-STGIF7CH60TS-LZ Datasheet
933Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
February 2022 Rev 1
STGIF7CH60TS-X STMICROELECTRONICS-STGIF7CH60TS-X Datasheet
571Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
June 2021 Rev 5
STGIF7CH60S-X STMICROELECTRONICS-STGIF7CH60S-X Datasheet
881Kb / 23P
   SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
February 2022 Rev 1
STGIB20M60TS-L STMICROELECTRONICS-STGIB20M60TS-L Datasheet
731Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
September 2021 Rev 8
STGIF5CH60TS-LZ STMICROELECTRONICS-STGIF5CH60TS-LZ Datasheet
932Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 8 A, 600 V, short‑circuit rugged IGBT
February 2022 Rev 1
STGIB20M60S-XZ STMICROELECTRONICS-STGIB20M60S-XZ Datasheet
632Kb / 23P
   SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
September 2021 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com