Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP360N4F6 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części STP360N4F6
Szczegółowy opis  N-channel 40 V, 120 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAK and TO-220 packages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP360N4F6 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button STP360N4F6 Datasheet HTML 3Page - STMicroelectronics STP360N4F6 Datasheet HTML 4Page - STMicroelectronics STP360N4F6 Datasheet HTML 5Page - STMicroelectronics STP360N4F6 Datasheet HTML 6Page - STMicroelectronics STP360N4F6 Datasheet HTML 7Page - STMicroelectronics STP360N4F6 Datasheet HTML 8Page - STMicroelectronics STP360N4F6 Datasheet HTML 9Page - STMicroelectronics STP360N4F6 Datasheet HTML 10Page - STMicroelectronics STP360N4F6 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STI360N4F6, STP360N4F6
Package mechanical data
Doc ID 023419 Rev 1
9/11
Figure 3.
TO-220 type A drawing
0015988_typeA_Rev_S


Podobny numer części - STP360N4F6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP36N05L STMICROELECTRONICS-STP36N05L Datasheet
204Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP36N05LFI STMICROELECTRONICS-STP36N05LFI Datasheet
204Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP36N06 STMICROELECTRONICS-STP36N06 Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
logo
New Jersey Semi-Conduct...
STP36N06 NJSEMI-STP36N06 Datasheet
161Kb / 3P
   N- CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
logo
STMicroelectronics
STP36N06FI STMICROELECTRONICS-STP36N06FI Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results

Podobny opis - STP360N4F6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STI400N4F6 STMICROELECTRONICS-STI400N4F6 Datasheet
181Kb / 11P
   N-channel 40 V, 120 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAK and TO-220 packages
August 2012 Rev 1
STI260N6F6 STMICROELECTRONICS-STI260N6F6 Datasheet
756Kb / 14P
   N-channel 60 V, 0.0024 廓, 120 A STripFET??VI DeepGATE??Power MOSFET in TO-220 and I짼PAK packages
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
   N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
April 2014
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
   N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
STI300N4F6 STMICROELECTRONICS-STI300N4F6 Datasheet
782Kb / 13P
   N-channel 40 V, 1.7 m廓 typ., 160 A, STripFET??VI DeepGATE??Power MOSFET in a I짼PAK package
February 2013 Rev 2
STP210N75F6 STMICROELECTRONICS-STP210N75F6 Datasheet
693Kb / 13P
   N-channel 75 V, 3 m廓, 120 A TO-220 STripFET??VI DeepGATE??Power MOSFET
STP10P6F6 STMICROELECTRONICS-STP10P6F6 Datasheet
490Kb / 15P
   P-channel 60 V, 0.15 廓 typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
STP110N55F6 STMICROELECTRONICS-STP110N55F6 Datasheet
409Kb / 11P
   N-channel 55 V, 4.3 m, 110 A TO-220 STripFET VI DeepGATE Power MOSFET
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
   N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
   N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com