Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1A Arkusz danych(PDF) 1 Page - Shunye Enterprise

Numer części GS1A
Szczegółowy opis  SURFACE MOUNT GENERAL RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SHUNYE [Shunye Enterprise]
Strona internetowa  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise

GS1A Arkusz danych(HTML) 1 Page - Shunye Enterprise

  GS1A Datasheet HTML 1Page - Shunye Enterprise GS1A Datasheet HTML 2Page - Shunye Enterprise  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS1A THRU GS1M
SURFACE MOUNT GENERAL RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
GS1A
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amp
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
1.1
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=110 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
IR
5.0
50.0
RqJA
CJ
TJ,TSTG
75.0
15.0
-65 to +175
pF
C
A
u
Typical thermal resistance (NOTE 2)
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Dimensions in inches and (millimeters)
GS1B
GS1D GS1G
GS1J
GS1K
GS1M
Case: JEDEC DO-214AC molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.003 ounce, 0.093 grams
0.004 ounce, 0.111 grams SMA(H)
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURES
MECHANICAL DATA
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
DO-214AC
0.087 (2.21)
0.070 (1.80)
0.177(4.50)
0.157(3.99)
0.110(2.80)
0.100(2.54)
0.060(1.52)
0.030(0.76)
0.222(5.66)
0.194(4.93)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
A
0.096(2.42)
0.078(1.98)
A:
SMA
0.122(3.12)
0.110(2.82)
SMA(H)
www.shunyegroup.com.cn


Podobny numer części - GS1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DACO SEMICONDUCTOR CO.,...
GS1A DACO-GS1A Datasheet
471Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Pan Jit International I...
GS1A PANJIT-GS1A Datasheet
53Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
SEMTECH ELECTRONICS LTD...
GS1A SEMTECH_ELEC-GS1A Datasheet
160Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Kingtronics Internation...
GS1A KINGTRONICS-GS1A Datasheet
898Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
Nantong Hornby Electron...
GS1A HORNBY-GS1A Datasheet
386Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results

Podobny opis - GS1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
M1 FORMOSA-M1 Datasheet
118Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
S6A FORMOSA-S6A Datasheet
119Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Bruckewell Technology L...
SOD4001 BWTECH-SOD4001_7 Datasheet
365Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
GS1A SEMTECH_ELEC-GS1A Datasheet
160Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Rugao Dachang Electroni...
S1AL DACHANG-S1AL Datasheet
128Kb / 2P
   Surface Mount General Rectifier
S3A DACHANG-S3A Datasheet
116Kb / 2P
   Surface Mount General Rectifier
logo
Shenzhen Yixinwei Techn...
M1THRUM7 YIXIN-M1THRUM7 Datasheet
133Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Diotech Company.
S5A DIOTECH-S5A Datasheet
727Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Yea Shin Technology Co....
M1-L YEASHIN-M1-L Datasheet
713Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Electronics ...
S3A CHENDA-S3A Datasheet
551Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
S3AF CHENDA-S3AF Datasheet
639Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com