Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD1E10B06 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części TPD1E10B06
Szczegółowy opis  Single-Channel ESD Protection Diode in 0402 Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B06 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TPD1E10B06_15 Datasheet HTML 5Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 6Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 7Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 8Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 9Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 10Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 11Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 12Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TPD1E10B06
www.ti.com
SLLSEB1D – FEBRUARY 2012 – REVISED NOVEMBER 2015
For this application, the audio signal voltage range is –3 V to 3 V. The VRWM for the TVS is –5.5 V to 5.5 V;
therefore, the bidirectional TVS will not break down during normal operation, and therefore normal operation of
the audio signal will not be effected due to the signal voltage range. In this application, a bidirectional TVS like
TPD1E10B06 is required.
Next, consider the frequency content of this audio signal. In this application with the class AB amplifier, the
frequency content is from 20 Hz to 20 kHz; ensure that the TVS I/O capacitance will not distort this signal by
filtering it. With TPD1E10B06 typical capacitance of 12 pF, which leads to a typical 3-dB bandwidth of 400 MHz,
this diode has sufficient bandwidth to pass the audio signal without distorting it.
Finally, the human interface in this application requires above standard Level 4 IEC 61000-4-2 system-level ESD
protection (±20-kV Contact/ ±25-kV Air-Gap). A standard TVS cannot survive this level of IEC ESD stress.
However, TPD1E10B06 can survive at least ±30-kV Contact/ ±30-kV Air-Gap. Therefore, the device can provide
sufficient ESD protection for the interface, even though the requirements are stringent. For any TVS diode to
provide the full range of ESD protection capabilities, as well as to minimize the noise and EMI disturbances the
board will see during ESD events, a system designer must use proper board layout of their TVS ESD protection
diodes. See Layout for instructions on properly laying out TPD1E10B06.
8.2.3 Application Curves
Figure 11. IEC 61000-4-2 Clamp Voltage +8-kV Contact
Figure 12. IEC 61000-4-2 Clamp Voltage –8-kV Contact
ESD
ESD
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPD1E10B06


Podobny numer części - TPD1E10B06_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
More results

Podobny opis - TPD1E10B06_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0201 Package
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com