Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD2E007DCKR Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD2E007DCKR
Szczegółowy opis  2-Channel ESD-Protection Array for AC-Coupled/Negative-Rail Data Interfaces
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E007DCKR Arkusz danych(HTML) 2 Page - Texas Instruments

  TPD2E007DCKR Datasheet HTML 1Page - Texas Instruments TPD2E007DCKR Datasheet HTML 2Page - Texas Instruments TPD2E007DCKR Datasheet HTML 3Page - Texas Instruments TPD2E007DCKR Datasheet HTML 4Page - Texas Instruments TPD2E007DCKR Datasheet HTML 5Page - Texas Instruments TPD2E007DCKR Datasheet HTML 6Page - Texas Instruments TPD2E007DCKR Datasheet HTML 7Page - Texas Instruments TPD2E007DCKR Datasheet HTML 8Page - Texas Instruments TPD2E007DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
TPD2E007
SLVS796H – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TPD2E007
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
ESD Ratings: Surge Protection................................. 4
6.4
Recommended Operating Conditions ....................... 4
6.5
Thermal Information .................................................. 4
6.6
Electrical Characteristics........................................... 5
6.7
Typical Characteristics .............................................. 5
7
Detailed Description .............................................. 6
7.1
Overview ................................................................... 6
7.2
Functional Block Diagram ......................................... 6
7.3
Feature Description................................................... 6
7.4
Device Functional Modes.......................................... 6
8
Application and Implementation .......................... 7
8.1
Application Information.............................................. 7
8.2
Typical Application ................................................... 7
9
Power Supply Recommendations ........................ 8
10
Layout..................................................................... 8
10.1
Layout Guidelines ................................................... 8
10.2
Layout Example ...................................................... 8
11
Device and Documentation Support ................... 9
11.1
Community Resources............................................ 9
11.2
Trademarks ............................................................. 9
11.3
Electrostatic Discharge Caution .............................. 9
11.4
Glossary .................................................................. 9
12
Mechanical, Packaging, and Orderable
Information ............................................................. 9
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (December 2015) to Revision H
Page
Updated the break-down voltage for clarity ........................................................................................................................... 5
Changes from Revision F (August 2014) to Revision G
Page
Updated the Handling Ratings table to an ESD Ratings table and moved Tstg to the Absolute Maximum Ratings
table ....................................................................................................................................................................................... 4
Added ƒ = 10 MHz to the Channel input capacitance test condition in the Electrical Characteristics table ......................... 5
Added Community Resources ............................................................................................................................................... 9
Changes from Revision E (August 2010) to Revision F
Page
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
Changes from Revision D (October 2009) to Revision E
Page
Added max continuous power dissipation value for DCK package........................................................................................ 4


Podobny numer części - TPD2E007DCKR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD2E007DCKR TI-TPD2E007DCKR Datasheet
427Kb / 9P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007DCKR TI1-TPD2E007DCKR Datasheet
377Kb / 10P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
AUGUST2010
TPD2E007DCKR TI1-TPD2E007DCKR Datasheet
756Kb / 11P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
logo
Shanghai Leiditech Elec...
TPD2E007DCKR LEIDITECH-TPD2E007DCKR Datasheet
334Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
Rev : 01.06.2014
logo
TECH PUBLIC Electronics...
TPD2E007DCKR-TP TECHPUBLIC-TPD2E007DCKR-TP Datasheet
1Mb / 4P
   2-Channel ESD Protection
More results

Podobny opis - TPD2E007DCKR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD2E007 TI1-TPD2E007_13 Datasheet
756Kb / 11P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI1-TPD2E007_10 Datasheet
377Kb / 10P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
AUGUST2010
TPD2E007 TI-TPD2E007 Datasheet
427Kb / 9P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI1-TPD2E007_14 Datasheet
758Kb / 12P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD4E004 TI-TPD4E004_1 Datasheet
366Kb / 11P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004_2 Datasheet
185Kb / 9P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004 Datasheet
422Kb / 12P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com