Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD4E02B04 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD4E02B04
Szczegółowy opis  4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E02B04 Arkusz danych(HTML) 3 Page - Texas Instruments

  TPD4E02B04 Datasheet HTML 1Page - Texas Instruments TPD4E02B04 Datasheet HTML 2Page - Texas Instruments TPD4E02B04 Datasheet HTML 3Page - Texas Instruments TPD4E02B04 Datasheet HTML 4Page - Texas Instruments TPD4E02B04 Datasheet HTML 5Page - Texas Instruments TPD4E02B04 Datasheet HTML 6Page - Texas Instruments TPD4E02B04 Datasheet HTML 7Page - Texas Instruments TPD4E02B04 Datasheet HTML 8Page - Texas Instruments TPD4E02B04 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IO1
1
2
3
4
5
6
7
8
9
10
IO2
GND
IO3
IO4
NC
NC
GND
NC
NC
3
TPD4E02B04
www.ti.com
SLVSD85A – NOVEMBER 2015 – REVISED FEBRUARY 2016
Product Folder Links: TPD4E02B04
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DQA Package
10-Pin USON
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
3
Ground
Ground. Connect to ground.
GND
8
Ground
IO1
1
I/O
ESD Protected Channel
IO2
2
IO3
4
IO4
5
NC
6
NC
Not Connected; Used for optional straight-through routing. Can be left floating or
grounded.
NC
7
NC
9
NC
10


Podobny numer części - TPD4E02B04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR TECHPUBLIC-TPD4E02B04DQAR Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
Texas Instruments
TPD4E02B04QDQARQ1 TI1-TPD4E02B04QDQARQ1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
More results

Podobny opis - TPD4E02B04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
[Old version datasheet]   TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
[Old version datasheet]   TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
TPD1E01B04 TI1-TPD1E01B04 Datasheet
872Kb / 22P
[Old version datasheet]   TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-Channel ESD Protection for DisplayPort and HDMI
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
   USB 2.0 - ESD & Overcurrent Protection
logo
Chrontel, Inc.
CH7216A CHRONTEL-CH7216A Datasheet
222Kb / 9P
   CH7216A DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.2 2022-12-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com