Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD39030DTPU28R Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części LD39030DTPU28R
Szczegółowy opis  300 mA very low quiescent current linear regulator IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39030DTPU28R Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button LD39030DTPU28R Datasheet HTML 4Page - STMicroelectronics LD39030DTPU28R Datasheet HTML 5Page - STMicroelectronics LD39030DTPU28R Datasheet HTML 6Page - STMicroelectronics LD39030DTPU28R Datasheet HTML 7Page - STMicroelectronics LD39030DTPU28R Datasheet HTML 8Page - STMicroelectronics LD39030DTPU28R Datasheet HTML 9Page - STMicroelectronics LD39030DTPU28R Datasheet HTML 10Page - STMicroelectronics LD39030DTPU28R Datasheet HTML 11Page - STMicroelectronics LD39030DTPU28R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
LD39030
8/21
DocID028649 Rev 1
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TON(2)
Turn on time
100
µs
TSHDN
Thermal shutdown
160
°C
Hysteresis
20
COUT
Output capacitor
Capacitance (see Figure 17:
"Stability area vs (COUT,
ESR)")
0.47
22
µF
Notes:
(1)Not applicable for VOUT(NOM) > 4.5 V
(2)Turn-on time is time measured between the enable input just exceeding VEN high value and the output voltage
just reaching 95 % of its nominal value


Podobny numer części - LD39030DTPU28R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
LD39030SJ10R STMICROELECTRONICS-LD39030SJ10R Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
LD39030SJ126R STMICROELECTRONICS-LD39030SJ126R Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
LD39030SJ12R STMICROELECTRONICS-LD39030SJ12R Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
LD39030SJ285R STMICROELECTRONICS-LD39030SJ285R Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
More results

Podobny opis - LD39030DTPU28R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LD39020 STMICROELECTRONICS-LD39020 Datasheet
2Mb / 30P
   200 mA very low quiescent current linear regulator IC
LDBL20 STMICROELECTRONICS-LDBL20 Datasheet
1Mb / 19P
   200 mA very low quiescent current linear regulator IC
November 2015 Rev 1
logo
Analog Devices
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
logo
STMicroelectronics
LD59030 STMICROELECTRONICS-LD59030 Datasheet
1Mb / 24P
   300 mA very low dropout linear regulator IC
Rev 8 - March 2021
logo
Analog Devices
ADP170 AD-ADP170 Datasheet
538Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122 AD-ADP122 Datasheet
616Kb / 20P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com