Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SSAH Arkusz danych(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Numer części SSAH
Szczegółowy opis  Low-profile type with 0.9mm in height
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALPS [ALPS ELECTRIC CO.,LTD.]
Strona internetowa  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAH Arkusz danych(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSAH_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAH_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAH_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAH_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
77
77
Low-profile type with 0.9mm in height
0.9(H)mm, 1.5mm-travel Surface Mount Type
SSAH
SSAH120100
Japan
Export
SSAH110100
Reflow
Soldering
Horizontal
Operating section
directions
1
Poles
3
Positions
Products No. Drawing
No.
Not specified
Changeover timing
Location
lug
Minimum order unit(pcs.)
1.5
Travel
(mm)
1
With
16,000
4,000
Product Line
Without
2
Refer to P.111 for soldering conditions.
Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
1mA 5V DC / 50μA 3V DC
Contact resistance
(Initial performance / After lifetime)
200mΩ max. / 300mΩ max.
Operating force
Refer to the dimensions.
Operating life
Without load
10,000 cycles
With load
10,000 cycles(1mA 5V DC)
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements
(mm)
1 reel
1 case /Japan 1 case /export packing
4,000
8,000
16,000
24
428×413×172
ø380
25.4


Podobny numer części - SSAH_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ALPS ELECTRIC CO.,LTD.
SSAH110100 ALPS-SSAH110100 Datasheet
315Kb / 4P
   0.9(H)mm, 1.5mm-travel Surface Mount Type
More results

Podobny opis - SSAH_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ALPS ELECTRIC CO.,LTD.
SKST ALPS-SKST Datasheet
918Kb / 3P
   Quiet Type with 0.9mm Stroke (Surface Mount Type)
logo
SHINMEI ELECTRIC CO., L...
TSW-31 SHINMEI-TSW-31 Datasheet
102Kb / 2P
   Height 0.9mm, Compact Sized Side Push Type Tactile Switches
logo
ALPS ELECTRIC CO.,LTD.
SKPE ALPS-SKPE Datasheet
190Kb / 3P
   Low-profile with High Operation Force (Snap-in Type)
logo
Japan Aviation Electron...
FB10 JAE-FB10 Datasheet
180Kb / 6P
   0.3mm Pitch, 0.9mm Height FPC Connector
logo
ALPS ELECTRIC CO.,LTD.
RSN ALPS-RSN Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
RS60N111900H ALPS-RS60N111900H_15 Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
SKRR ALPS-SKRR_15 Datasheet
728Kb / 3P
   0.6mm Height Low-profile with Long-life (Surface Mount Type)
SKRR ALPS-SKRR Datasheet
192Kb / 3P
   0.6mm Height Low-profile with Long-life (Surface Mount Type)
logo
SUYIN USA, INC.
100042MB019SX15ZA SUYIN-USA-100042MB019SX15ZA Datasheet
316Kb / 3P
   HDMI Receptacle SMT Type With Flange Low Profile Type
logo
List of Unclassifed Man...
SIC73 ETC1-SIC73 Datasheet
317Kb / 1P
   Low Profile (2.5mm max, height) SMD type
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com