Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HC165N3 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części SN74HC165N3
Szczegółowy opis  8-Bit Parallel-Load Shift Registers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC165N3 Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74HC165N3 Datasheet HTML 1Page - Texas Instruments SN74HC165N3 Datasheet HTML 2Page - Texas Instruments SN74HC165N3 Datasheet HTML 3Page - Texas Instruments SN74HC165N3 Datasheet HTML 4Page - Texas Instruments SN74HC165N3 Datasheet HTML 5Page - Texas Instruments SN74HC165N3 Datasheet HTML 6Page - Texas Instruments SN74HC165N3 Datasheet HTML 7Page - Texas Instruments SN74HC165N3 Datasheet HTML 8Page - Texas Instruments SN74HC165N3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
D
C
NC
B
A
E
F
NC
G
H
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SH/LD
CLK
E
F
G
H
QH
GND
VCC
CLK INH
D
C
B
A
SER
QH
SN54HC165, SN74HC165
www.ti.com
SCLS116H – DECEMBER 1982 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
D, DB, N, NS, J, W, or PW Package
FK Package
16-Pin SOIC, SSOP, PDIP, SO, CDIP, CFP, or TSSOP
20-Pin LCCC
Top View
Top View
Pin Functions(1)
PIN
I/O
DESCRIPTION
D, DB, N, NS,
NAME
FK
PW, J or W
A
11
14
I
Parallel Input
B
12
15
I
Parallel Input
C
13
17
I
Parallel Input
CLK
2
3
I
Clock input
CLK INH
15
19
I
Clock Inhibit, when High No change in output
D
14
18
I
Parallel Input
E
3
4
I
Parallel Input
F
4
5
I
Parallel Input
G
5
7
I
Parallel Input
GND
8
10
Ground Pin
H
6
8
I
Parallel Input
1
6
NC
Not Connected
11
16
QH
9
12
O
Serial Output
QH
7
9
O
Complementary Serial Output
SER
10
13
I
Serial Input
Shift or Load input, When High Data, shifted. When Low data is
SH/LD
1
2
I
loaded from parallel inputs
VCC
16
20
Power Pin
(1)
NC – No internal connection
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54HC165 SN74HC165


Podobny numer części - SN74HC165N3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC165N3 TI-SN74HC165N3 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC165N3 TI-SN74HC165N3 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results

Podobny opis - SN74HC165N3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com