Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AHC595DG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części SN74AHC595DG4
Szczegółowy opis  8-Bit Shift Registers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC595DG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74AHC595DG4 Datasheet HTML 1Page - Texas Instruments SN74AHC595DG4 Datasheet HTML 2Page - Texas Instruments SN74AHC595DG4 Datasheet HTML 3Page - Texas Instruments SN74AHC595DG4 Datasheet HTML 4Page - Texas Instruments SN74AHC595DG4 Datasheet HTML 5Page - Texas Instruments SN74AHC595DG4 Datasheet HTML 6Page - Texas Instruments SN74AHC595DG4 Datasheet HTML 7Page - Texas Instruments SN74AHC595DG4 Datasheet HTML 8Page - Texas Instruments SN74AHC595DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SN74AHC595
www.ti.com
SCLS373K – MAY 1996 – REVISED SEPTEMBER 2015
6.4 Thermal Information
SN74AHC595
THERMAL METRIC(1)
D (SOIC)
DB (SSOP)
N (PDIP)
PW (TSSOP)
UNIT
16 PINS
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
73
97.8
47.8
106.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
48.1
35.1
40.8
°C/W
RθJB
Junction-to-board thermal resistance
48.5
27.8
51.1
°C/W
ψJT
Junction-to-top characterization parameter
10.0
20.1
3.8
°C/W
ψJB
Junction-to-board characterization parameter
47.9
27.7
50.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
TA = 25°C
1.9
2
IOH = –50 µA
TA = –40°C to 85°C
2 V
1.9
TA = –40°C to 125°C Recommended
1.9
TA = 25°C
2.9
3
IOH = –50 µA
TA = –40°C to 85°C
3 V
2.9
TA = –40°C to 125°C Recommended
2.9
TA = 25°C
4.4
4.5
VOH
IOH = –50 µA
TA = –40°C to 85°C
4.5 V
4.4
V
TA = –40°C to 125°C Recommended
4.4
TA = 25°C
2.58
IOH = –4 mA
TA = –40°C to 85°C
3 V
2.48
TA = –40°C to 125°C Recommended
2.48
TA = 25°C
3.94
IOH = –8 mA
TA = –40°C to 85°C
4.5 V
3.8
TA = –40°C to 125°C Recommended
3.8
TA = 25°C
0.1
IOL = 50 µA
TA = –40°C to 85°C
2 V
0.1
TA = –40°C to 125°C Recommended
0.1
TA = 25°C
0.1
IOL = 50 µA
TA = –40°C to 85°C
3 V
0.1
TA = –40°C to 125°C Recommended
0.1
TA = 25°C
0.1
VOL
IOL = 50 µA
TA = –40°C to 85°C
4.5 V
0.1
V
TA = –40°C to 125°C Recommended
0.1
TA = 25°C
0.36
IOL = 4 mA
TA = –40°C to 85°C
3 V
0.44
TA = –40°C to 125°C Recommended
0.44
TA = 25°C
0.36
IOL = 8 mA
TA = –40°C to 85°C
4.5 V
0.44
TA = –40°C to 125°C Recommended
0.44
TA = 25°C
±0.1
II
VI = 5.5 V or GND
TA = –40°C to 85°C
0 V to 5.5 V
±1
µA
TA = –40°C to 125°C Recommended
±1
TA = 25°C
±0.25
VI = VCC or GND,
TA = –40°C to 85°C
±2.5
IOZ
VO = VCC or GND,
QA – QH
5.5 V
μA
OE = VIH or VIL,
TA = –40°C to 125°C
±2.5
Recommended
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
Copyright © 1996–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74AHC595


Podobny numer części - SN74AHC595DG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHC595DG4 TI-SN74AHC595DG4 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Podobny opis - SN74AHC595DG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54198 TI-SN54198 Datasheet
394Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS
logo
Unisonic Technologies
U74HCT595 UTC-U74HCT595_15 Datasheet
196Kb / 6P
   8-BIT SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS91 HITACHI-HD74LS91 Datasheet
59Kb / 6P
   8-bit Shift Registers
logo
Texas Instruments
SN5491A TI-SN5491A Datasheet
204Kb / 5P
[Old version datasheet]   8-BIT SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS166A HITACHI-HD74LS166A Datasheet
91Kb / 7P
   8-bit Shift Registers
logo
Aeroflex Circuit Techno...
UT54ACS164E AEROFLEX-UT54ACS164E Datasheet
158Kb / 9P
   8-Bit Shift Registers
logo
Motorola, Inc
SN54LS166 MOTOROLA-SN54LS166 Datasheet
106Kb / 4P
   8-BIT SHIFT REGISTERS
logo
Aeroflex Circuit Techno...
UT54ACS164 AEROFLEX-UT54ACS164 Datasheet
246Kb / 10P
   8-Bit Shift Registers
logo
Texas Instruments
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com