Zakładka z wyszukiwarką danych komponentów |
|
74AHCT1G125DCKRG4 Arkusz danych(PDF) 11 Page - Texas Instruments |
|
|
74AHCT1G125DCKRG4 Arkusz danych(HTML) 11 Page - Texas Instruments |
11 / 22 page Vcc Unused Input Input Output Input Unused Input Output 11 SN74AHCT1G125 www.ti.com SCLS378N – AUGUST 1997 – REVISED JANUARY 2016 Product Folder Links: SN74AHCT1G125 Submit Documentation Feedback Copyright © 1997–2016, Texas Instruments Incorporated 12 Layout 12.1 Layout Guidelines When using multiple bit logic devices, inputs should not float. In many cases, functions or parts of functions of digital logic devices are unused. Some examples are when only two inputs of a triple-input AND gate are used, or when only 3 of the 4-buffer gates are used. Such input pins should not be left unconnected because the undefined voltages at the outside connections result in undefined operational states. Specified in Figure 6 are rules that must be observed under all circumstances. All unused inputs of digital logic devices must be connected to a high or low bias to prevent them from floating. The logic level that should be applied to any particular unused input depends on the function of the device. Generally they will be tied to GND or VCC, whichever makes more sense or is more convenient. It is acceptable to float outputs unless the part is a transceiver. If the transceiver has an output enable pin, it will disable the outputs section of the part when asserted. This will not disable the input section of the I/Os so they also cannot float when disabled. 12.2 Layout Example Figure 6. Layout Diagram 13 Device and Documentation Support 13.1 Trademarks All trademarks are the property of their respective owners. 13.2 Electrostatic Discharge Caution These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. 13.3 Glossary SLYZ022 — TI Glossary. This glossary lists and explains terms, acronyms, and definitions. 14 Mechanical, Packaging, and Orderable Information The following pages include mechanical, packaging, and orderable information. This information is the most current data available for the designated devices. This data is subject to change without notice and revision of this document. For browser-based versions of this data sheet, refer to the left-hand navigation. |
Podobny numer części - 74AHCT1G125DCKRG4 |
|
Podobny opis - 74AHCT1G125DCKRG4 |