Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AVC16T245DGGRE4 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części 74AVC16T245DGGRE4
Szczegółowy opis  16-Bit Dual-Supply Bus Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74AVC16T245DGGRE4 Arkusz danych(HTML) 1 Page - Texas Instruments

  74AVC16T245DGGRE4 Datasheet HTML 1Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 2Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 3Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 4Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 5Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 6Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 7Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 8Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
To Seven Other Channels
1DIR
1A1
1B1
1OE
To Seven Other Channels
2DIR
2A1
2B1
2OE
1
47
24
36
48
2
25
13
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74AVC16T245
SCES551E – FEBRUARY 2004 – REVISED NOVEMBER 2015
SN74AVC16T245 16-Bit Dual-Supply Bus Transceiver
with Configurable Level-Shifting / Voltage Translation and Tri-State Outputs
1 Features
3 Description
This 16-bit noninverting bus transceiver uses two
1
Control Inputs VIH/VIL Levels Are Referenced to
separate
configurable
power-supply
rails.
The
VCCA Voltage
SN74AVC16T245 device is optimized to operate with
VCC Isolation Feature – If Either VCC Input Is at
VCCA/VCCB set at 1.4 V to 3.6 V. The device is
GND, Both Ports Are in the High-Impedance State
operational with VCCA/VCCB as low as 1.2 V. The A
port is designed to track VCCA. VCCA accepts any
Overvoltage-Tolerant Inputs and Outputs Allow
supply voltage from 1.2 V to 3.6 V. The B port is
Mixed-Voltage-Mode Data Communications
designed to track VCCB. VCCB accepts any supply
Fully Configurable Dual-Rail Design Allows Each
voltage from 1.2 V to 3.6 V. This allows for universal
Port to Operate Over the Full 1.2 V to 3.6 V
low-voltage bidirectional translation between any of
Power-Supply Range
the 1.2-V, 1.5-V, 1.8-V, 2.5-V, and 3.3-V voltage
Ioff Supports Partial-Power-Down Mode Operation
nodes.
I/Os Are 4.6 V Tolerant
The
SN74AVC16T245
device
is
designed
for
Maximum Data Rates
asynchronous communication between data buses.
The device transmits data from the A bus to the B
380 Mbps (1.8 V to 3.3 V Level-Shifting)
bus or from the B bus to the A bus, depending on the
200 Mbps (<1.8 V to 3.3 V Level-Shifting)
logic level at the direction-control (DIR) input. The
200 Mbps (Level-Shifting to 2.5 V or 1.8 V)
output-enable (OE) input can be used to disable the
outputs so the buses effectively are isolated.
150 Mbps (Level-Shifting to 1.5 V)
100 Mbps (Level-Shifting to 1.2 V)
The SN74AVC16T245 control pins (1DIR, 2DIR,
1OE, and 2OE) are supplied by VCCA.
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
Device Information(1)
ESD Protection Exceeds JESD 22
PART NUMBER
PACKAGE
BODY SIZE (NOM)
8000-V Human-Body Model (A114-A)
TSSOP (48)
12.50 mm × 6.10 mm
200-V Machine Model (A115-A)
TVSOP (48)
9.70 mm × 4.40 mm
SN74AVC16T245
1000-V Charged-Device Model (C101)
BGA MICROSTAR
7.00 mm × 4.50 mm
JUNIOR (56)
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Personal Electronics
Industrial
Enterprise
Telecom
Logic Diagram (Positive Logic)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - 74AVC16T245DGGRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
467Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
565Kb / 23P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC16T245DGGRE4 TI1-74AVC16T245DGGRE4 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver with Configurable Level-Shifting / Voltage Translation and Tri-State Outputs
More results

Podobny opis - 74AVC16T245DGGRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com