Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AVC32T245GKER Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części SN74AVC32T245GKER
Szczegółowy opis  32-Bit Dual-Supply Bus Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC32T245GKER Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74AVC32T245GKER Datasheet HTML 1Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 2Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 3Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 4Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 5Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 6Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 7Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 8Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SN74AVC32T245
www.ti.com
SCES553F – MAY 2004 – REVISED JULY 2015
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
Tri-State output-mode enables. Pull OE high to place all outputs in Tri-State mode.
H4
2OE
Input
Referenced to VCCA
H5
2A8
Input/Output
Referenced to VCCA
H6
2A7
Input/Output
Referenced to VCCA
J1
3B2
Input/Output
Referenced to VCCB
J2
3B1
Input/Output
Referenced to VCCB
J3
3DIR
Input
Direction-control signal
Tri-State output-mode enables. Pull OE high to place all outputs in Tri-State mode.
J4
3OE
Input
Referenced to VCCA
J5
3A1
Input/Output
Referenced to VCCA
J6
3A2
Input/Output
Referenced to VCCA
K1
3B4
Input/Output
Referenced to VCCB
K2
3B3
Input/Output
Referenced to VCCB
K3
GND
Ground
K4
GND
Ground
K5
3A3
Input/Output
Referenced to VCCA
K6
3A4
Input/Output
Referenced to VCCA
L1
3B6
Input/Output
Referenced to VCCB
L2
3B5
Input/Output
Referenced to VCCB
L3
VCCB
B-port supply voltage. 1.2 V
≤ VCCB ≤ 3.6 V
L4
VCCA
A-port supply voltage. 1.2 V
≤ VCCA ≤ 3.6 V
L5
3A5
Input/Output
Referenced to VCCA
L6
3A6
Input/Output
Referenced to VCCA
M1
3B8
Input/Output
Referenced to VCCB
M2
3B7
Input/Output
Referenced to VCCB
M3
GND
Ground
M4
GND
Ground
M5
3A7
Input/Output
Referenced to VCCA
M6
3A8
Input/Output
Referenced to VCCA
N1
4B2
Input/Output
Referenced to VCCB
N2
4B1
Input/Output
Referenced to VCCB
N3
GND
Ground
N4
GND
Ground
N5
4A1
Input/Output
Referenced to VCCA
N6
4A2
Input/Output
Referenced to VCCA
P1
4B4
Input/Output
Referenced to VCCB
P2
4B3
Input/Output
Referenced to VCCB
P3
VCCB
A-port supply voltage. 1.2 V
≤ VCCB ≤ 3.6 V
P4
VCCA
A-port supply voltage. 1.2 V
≤ VCCA ≤ 3.6 V
P5
4A3
Input/Output
Referenced to VCCA
P6
4A4
Input/Output
Referenced to VCCA
R1
4B6
Input/Output
Referenced to VCCB
R2
4B5
Input/Output
Referenced to VCCB
R3
GND
Ground
R4
GND
Ground
R5
4A5
Input/Output
Referenced to VCCA
R6
4A6
Input/Output
Referenced to VCCA
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74AVC32T245


Podobny numer części - SN74AVC32T245GKER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
649Kb / 20P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245GKER TI1-SN74AVC32T245GKER Datasheet
1Mb / 30P
[Old version datasheet]   SN74AVC32T245 32-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation, Level-Shifting, and Tri-State Outputs
More results

Podobny opis - SN74AVC32T245GKER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
427Kb / 21P
[Old version datasheet]   SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com