Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AVCH2T45DCTRE4 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części 74AVCH2T45DCTRE4
Szczegółowy opis  2-Supply, Bus Transceiver with Configurable Level-Shifting
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74AVCH2T45DCTRE4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button 74AVCH2T45DCTRE4 Datasheet HTML 7Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 8Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 9Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 10Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 11Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 12Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 13Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 14Page - Texas Instruments 74AVCH2T45DCTRE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
SN74AVCH2T45
www.ti.com
SCES582H – JULY 2004 – REVISED APRIL 2015
7.10 Switching Characteristics: VCCA = 3.3 V
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (see Figure 7)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
(1)
2.5
0.3
4.7
0.2
3.8
0.2
2.8
0.2
2.4
A
B
ns
tPHL
(1)
2.5
0.3
4.7
0.2
3.8
0.2
2.8
0.2
2.4
tPLH
(1)
2.1
0.6
3.6
0.4
3.1
0.3
2.6
0.3
2.4
B
A
ns
tPHL
(1)
2.1
0.6
3.6
0.4
3.1
0.3
2.6
0.3
2.4
tPHZ
(1)
2.9
1.1
8
1
6.5
1.3
4.7
1.2
4
DIR
A
ns
tPLZ
(1)
2.9
1.1
8
1
6.5
1.3
4.7
1.2
4
tPHZ
(1)
3.4
0.5
6.6
0.3
5.6
0.3
4.6
1.1
4.2
DIR
B
ns
tPLZ
(1)
3.4
0.5
6.6
0.3
5.6
0.3
4.6
1.1
4.2
tPZH
(1) (2)
5.5
10.2
8.7
7.2
6.6
DIR
A
ns
tPZL
(1) (2)
5.5
10.2
8.7
7.2
6.6
tPZH
(1) (2)
5.4
12.7
10.3
7.5
6.4
DIR
B
ns
tPZL
(1) (2)
5.4
12.7
10.3
7.5
6.4
(1)
tPLH: Low-to-high Propagation Delay; tPHL: High-to-Low Propagation Delay; tPHZ: High-to-Hi-Z Propagation Delay; tPLZ: Low-to-Hi-Z
Propagation Delay; tPZH: Hi-Z-to-High Propagation Delay; tPZL: Hi-Z-to-Low Propagation Delay
(2)
The enable time is a calculated value derived using the formula shown in the Enable Times section.
7.11 Operating Characteristics
TA = 25°C
VCCA =
VCCA =
VCCA =
VCCA =
VCCA =
TEST
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
A-port input,
3
3
3
3
4
CL = 0,
B-port output
CpdA
(1)
f = 10 MHz,
pF
B-port input,
tr
(2) = t
f
(2) = 1 ns
13
13
14
15
15
A-port output
A-port input,
13
13
14
15
15
CL = 0,
B-port output
CpdB
(1)
f = 10 MHz,
pF
B-port input,
tr
(2) = t
f
(2) = 1 ns
3
3
3
3
4
A-port output
(1)
Power dissipation capacitance per transceiver
(2)
tr: Rise time; tf: Fall time
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74AVCH2T45


Podobny numer części - 74AVCH2T45DCTRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AVCH2T45DCTRE4 TI-74AVCH2T45DCTRE4 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH2T45DCTRE4 TI1-74AVCH2T45DCTRE4 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
More results

Podobny opis - 74AVCH2T45DCTRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
291Kb / 26P
[Old version datasheet]   SN74AXC2T45 2-Bit Bus Transceiver with Configurable Level-Shifting
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 32P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45_V01 Datasheet
2Mb / 37P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V01 Datasheet
1Mb / 36P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45 Datasheet
1Mb / 30P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V02 Datasheet
1Mb / 39P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
MAY 2022
logo
Pericom Semiconductor C...
PI74STX2G4245 PERICOM-PI74STX2G4245 Datasheet
443Kb / 8P
   2-Bit Level Shifting Buffer/Transceiver with Configurable Dual Supply VoltageDIRB243A2B176
logo
Texas Instruments
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   SN74LXC2T45-Q1 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
JANUARY 2022
SN74AXCH2T45 TI1-SN74AXCH2T45 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AXCH2T45 2-Bit Bus Transceiver with Configurable Level-Shifting and Bus-Hold Inputs
SN74AVCH2T45 TI1-SN74AVCH2T45_18 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com