Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMX26S Arkusz danych(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Numer części FMX26S
Szczegółowy opis  10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Strona internetowa  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FMX26S Arkusz danych(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  FMX26S Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FMX26S Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
10
6
4
2
8
1
5
50
0.1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
20
40
60
80
100
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
FMX22S
FMX23S/FMX24S
FMX26S
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 2/2
Rev.06
®
FMX22S thru FMX26S


Podobny numer części - FMX26S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Thinki Semiconductor Co...
FMX26S THINKISEMI-FMX26S Datasheet
812Kb / 2P
   10 Amperes Insulated Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
More results

Podobny opis - FMX26S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Thinki Semiconductor Co...
FMU22S THINKISEMI-FMU22S Datasheet
673Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
ESAC25M-02C THINKISEMI-ESAC25M-02C Datasheet
668Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
DFR10A20CT THINKISEMI-DFR10A20CT Datasheet
678Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
FML22S THINKISEMI-FML22S Datasheet
673Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
YG225C2 THINKISEMI-YG225C2 Datasheet
667Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
FMG22S THINKISEMI-FMG22S_17 Datasheet
814Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
ESAD39M-02C THINKISEMI-ESAD39M-02C Datasheet
729Kb / 2P
   10 Ampere Insulated Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
MURF3020CT THINKISEMI-MURF3020CT Datasheet
779Kb / 2P
   30 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
ESAD25M-02C THINKISEMI-ESAD25M-02C Datasheet
256Kb / 2P
   16 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
FRF1620C THINKISEMI-FRF1620C Datasheet
377Kb / 2P
   16.0 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com