Zakładka z wyszukiwarką danych komponentów |
|
54F20 Arkusz danych(PDF) 3 Page - National Semiconductor (TI) |
|
|
54F20 Arkusz danych(HTML) 3 Page - National Semiconductor (TI) |
3 / 6 page AC Electrical Characteristics 74F 54F 74F TA ea25 C TA VCC e Mil TA VCC e Com Symbol Parameter VCC ea50V CL e 50 pF CL e 50 pF Units CL e 50 pF Min Typ Max Min Max Min Max tPLH Propagation Delay 24 37 50 20 70 24 60 ns tPHL An Bn Cn Dn to On 15 32 43 15 65 15 53 Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 74F 20 S C X Temperature Range Family Special Variations 74F e Commercial QB e Military grade device with 54F e Military environmental and burn-in processing Device Type X e Devices shipped in 13 reels Package Code Temperature Range P e Plastic DIP C e Commercial (0 Cto a70 C) D e Ceramic DIP M e Military (b55 Cto a125 C) F e Flatpak L e Leadless Chip Carrier (LCC) S e Small Outline SOIC JEDEC SJ e Small Outline SOIC EIAJ Physical Dimensions inches (millimeters) 20-Lead Ceramic Leadless Chip Carrier (L) NS Package Number E20A 3 |
Podobny numer części - 54F20 |
|
Podobny opis - 54F20 |