Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE24C256B Arkusz danych(PDF) 11 Page - ACE Technology Co., LTD.

Numer części ACE24C256B
Szczegółowy opis  Two-wire Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C256B Arkusz danych(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE24C256B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24C256B Datasheet HTML 15Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ACE24C128B/256B/512B
Two-wire Serial EEPROM
VER 1.4
11
DC Characteristics
Applicable over recommended operating range from: TA=-40℃ to +85℃, VCC=+1.7V to +5.5V, (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
Supply Voltage
1.7
5.5
V
VCC2
Supply Voltage
2.5
5.5
V
VCC3
Supply Voltage
2.7
5.5
V
VCC4
Supply Voltage
4.5
5.5
V
ICC1
Supply Current VCC = 5.0V
READ at 400 kHz
0.4
1.0
mA
ICC2
Supply Current VCC = 5.0V
WRITE at 400 kHz
2.0
3.0
mA
ISB1
Standby Current VCC = 1.7V
VIN = VCC or Vss
0.6
1.0
uA
ISB2
Standby Current VCC = 2.5V
VIN = VCC or Vss
1.0
2.0
uA
ISB3
Standby Current VCC = 2.7V
VIN = VCC or Vss
1.0
2.0
Ua
ISB4
Standby Current VCC = 5.0V
VIN = VCC or Vss
2.0
5.0
uA
ILI
Input Leakage Current
VIN = VCC or Vss
0.1
3.0
uA
ILO
Output Leakage Current
VOUT = VCC or Vss
0.05
3.0
uA
VIL1
Input Low Level
VCC = 1.8V to 5.5V
-0.3
VCC*0.3
V
VIH1
Input High Level
VCC = 1.8V to 5.5V
VCC*0.7
VCC+0.3
V
VIL2
Input Low Level
VCC = 1.7V
-0.3
VCC*0.2
V
VIH2
Input High Level
VCC = 1.7V
VCC*0.7
VCC+0.3
V
VOL3
Output Low Level VCC =5.0V
IOL = 3.0 mA
0.4
V
VOL2
Output Low Level VCC =3.0V
IOL = 2.1 mA
0.4
V
VOL1
Output Low Level VCC =1.7V
IOL = 0.15 mA
0.2
V
Pin Capacitance
Applicable over recommended operating range from: TA=25℃, f=1.0MHz, Vcc=1.7V
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
CI/O
Input / Output Capacitance
(SDA)
VI/O=0V
8
pF
CIN
Input Capacitance (A0, A1, A1,
SCL)
VIN=0V
6
pF


Podobny numer części - ACE24C256B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE24C256 ACE-ACE24C256 Datasheet
283Kb / 16P
   Two-wire Serial EEPROM
VER 1.2
ACE24C256 ACE-ACE24C256 Datasheet
656Kb / 18P
   Two-wire Serial EEPROM
VER 1.5
ACE24C256C ACE-ACE24C256C Datasheet
1Mb / 20P
   Two-wire serial EEPROM
VER 1.2
ACE24C256DM+TH ACE-ACE24C256DM+TH Datasheet
656Kb / 18P
   Two-wire Serial EEPROM
VER 1.5
ACE24C256DM+UH ACE-ACE24C256DM+UH Datasheet
656Kb / 18P
   Two-wire Serial EEPROM
VER 1.5
More results

Podobny opis - ACE24C256B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com