Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVCH16T245DLRG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części 74LVCH16T245DLRG4
Szczegółowy opis  16-bit Dual-supply Bus Transceiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74LVCH16T245DLRG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  74LVCH16T245DLRG4 Datasheet HTML 1Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 2Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 3Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 4Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 5Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 6Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 7Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 8Page - Texas Instruments 74LVCH16T245DLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SN74LVCH16T245
www.ti.com
SCES635B – JULY 2005 – REVISED APRIL 2015
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
DGG / DGV
GQL / ZQL
Tri-State output-mode enables. Pull OE high to place all outputs in Tri-State
1OE
48
A6
I
mode. Referenced to VCCA
2A1
36
F6
I/O
Input/Output. Referenced to VCCA
2A2
35
F5
I/O
Input/Output. Referenced to VCCA
2A3
33
G6
I/O
Input/Output. Referenced to VCCA
2A4
32
G5
I/O
Input/Output. Referenced to VCCA
2A5
30
H6
I/O
Input/Output. Referenced to VCCA
2A6
29
H5
I/O
Input/Output. Referenced to VCCA
2A7
27
J6
I/O
Input/Output. Referenced to VCCA
2A8
26
J5
I/O
Input/Output. Referenced to VCCA
2B1
13
F1
I/O
Input/Output. Referenced to VCCB
2B2
14
F2
I/O
Input/Output. Referenced to VCCB
2B3
16
G1
I/O
Input/Output. Referenced to VCCB
2B4
17
G2
I/O
Input/Output. Referenced to VCCB
2B5
19
H1
I/O
Input/Output. Referenced to VCCB
2B6
20
H2
I/O
Input/Output. Referenced to VCCB
2B7
22
J1
I/O
Input/Output. Referenced to VCCB
2B8
23
J2
I/O
Input/Output. Referenced to VCCB
2DIR
24
K1
I
Direction-control signal
Tri-State output-mode enables. Pull OE high to place all outputs in Tri-State
2OE
25
K6
I
mode. Referenced to VCCA
B3
4
B4
10
D3
15
D4
GND
Ground
21
G3
28
G4
34
J3
45
J4
A2
A3
A4
A5
NC(1)
K2
K3
K4
K5
31
C4
VCCA
A-port supply. 1.65 V
≤ VCCA≤ 5.5 V
42
H4
7
C3
VCCB
B-port supply. 1.65 V
≤ VCCB≤ 5.5 V
18
H3
(1)
NC – No internal connection
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVCH16T245


Podobny numer części - 74LVCH16T245DLRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LVCH16T245DLRG4 TI-74LVCH16T245DLRG4 Datasheet
365Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH16T245DLRG4 TI-74LVCH16T245DLRG4 Datasheet
475Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Podobny opis - 74LVCH16T245DLRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com