Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVCH8T245DWR Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części SN74LVCH8T245DWR
Szczegółowy opis  8-BIT Dual-Supply Bus Transceiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVCH8T245DWR Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74LVCH8T245DWR Datasheet HTML 3Page - Texas Instruments SN74LVCH8T245DWR Datasheet HTML 4Page - Texas Instruments SN74LVCH8T245DWR Datasheet HTML 5Page - Texas Instruments SN74LVCH8T245DWR Datasheet HTML 6Page - Texas Instruments SN74LVCH8T245DWR Datasheet HTML 7Page - Texas Instruments SN74LVCH8T245DWR Datasheet HTML 8Page - Texas Instruments SN74LVCH8T245DWR Datasheet HTML 9Page - Texas Instruments SN74LVCH8T245DWR Datasheet HTML 10Page - Texas Instruments SN74LVCH8T245DWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
SN74LVCH8T245
www.ti.com
SCES637B – AUGUST 2005 – REVISED FEBRUARY 2016
Product Folder Links: SN74LVCH8T245
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
All typical limits apply over TA = 25°C, and all maximum and minimum limits apply over TA = –40°C to 85°C (unless otherwise
noted).
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICCB
Supply current
B port
VI = VCCI or GND, IO = 0
VCCA = VCCB = 1.65 V to 4.5 V
20
μA
VCCA = 5 V, VCCB = 0 V
–2
VCCA = 0 V, VCCB = 5 V
20
Combined supply
current
VI = VCCI or GND, IO = 0
VCCA = VCCB = 1.65 V to 4.5 V
30
μA
ΔICCA
Supply-current
change DIR
DIR at VCCA - 0.6 V,
B port = open,
A port at VCCA or GND
VCCA = VCCB = 3 to 5.5 V
50
μA
Ci
Input capacitance
control inputs
VI = VCCA or GND
VCCA = VCCB = 3.3 V
4
5
pF
Cio
Input and output
capacitance
A or B port
VO = VCCA/B or GND
VCCA = VCCB = 3.3 V
8.5
10
pF
6.6 Switching Characteristics: VCCA = 1.8 V ± 0.15 V
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
tPLH, tPHL
A
B
VCCB = 1.8 V ± 0.15 V
1.7
21.9
ns
VCCB = 2.5 V ± 0.2 V
1.3
9.2
VCCB = 3.3 V ± 0.3 V
1
7.4
VCCB = 5 V ± 0.5 V
0.4
7.1
tPLH, tPHL
B
A
VCCB = 1.8 V ± 0.15 V
0.9
23.8
ns
VCCB = 2.5 V ± 0.2 V
0.8
23.6
VCCB = 3.3 V ± 0.3 V
0.7
23.4
VCCB = 5 V ± 0.5 V
0.7
23.4
tPHZ, tPLZ
OE
A
VCCB = 1.8 V ± 0.15 V
1.5
29.6
ns
VCCB = 2.5 V ± 0.2 V
1.5
29.4
VCCB = 3.3 V ± 0.3 V
1.5
29.3
VCCB = 5 V ± 0.5 V
1.4
29.2
tPHZ, tPLZ
OE
B
VCCB = 1.8 V ± 0.15 V
2.4
32.2
ns
VCCB = 2.5 V ± 0.2 V
1.9
13.1
VCCB = 3.3 V ± 0.3 V
1.7
12
VCCB = 5 V ± 0.5 V
1.3
10.3
tPZH, tPZL
OE
A
VCCB = 1.8 V ± 0.15 V
0.4
24
ns
VCCB = 2.5 V ± 0.2 V
0.4
23.8
VCCB = 3.3 V ± 0.3 V
0.4
23.7
VCCB = 5 V ± 0.5 V
0.4
23.7
tPZH, tPZL
OE
B
VCCB = 1.8 V ± 0.15 V
1.8
32
ns
VCCB = 2.5 V ± 0.2 V
1.5
16
VCCB = 3.3 V ± 0.3 V
1.2
12.6
VCCB = 5 V ± 0.5 V
0.9
10.8


Podobny numer części - SN74LVCH8T245DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVCH8T245DWR TI-SN74LVCH8T245DWR Datasheet
897Kb / 28P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245DWR TI-SN74LVCH8T245DWR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245DWR TI-SN74LVCH8T245DWR Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245DWR TI-SN74LVCH8T245DWR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245DWR TI-SN74LVCH8T245DWR Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Podobny opis - SN74LVCH8T245DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC32T245 TI1-SN74AVC32T245_15 Datasheet
1Mb / 29P
[Old version datasheet]   32-Bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com