Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC2G241DCUTE4 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części 74LVC2G241DCUTE4
Szczegółowy opis  Dual Buffer and Driver With 3-State Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC2G241DCUTE4 Arkusz danych(HTML) 1 Page - Texas Instruments

  74LVC2G241DCUTE4 Datasheet HTML 1Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 2Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 3Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 4Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 5Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 6Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 7Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 8Page - Texas Instruments 74LVC2G241DCUTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
2
6
1Y
1OE
1A
7
5
3
2Y
2OE
2A
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC2G241
SCES210O – APRIL 1999 – REVISED DECEMBER 2015
SN74LVC2G241 Dual Buffer and Driver With 3-State Outputs
1 Features
3 Description
This dual buffer and line driver is designed for 1.65-V
1
Available in the Texas Instruments
to 5.5-V VCC operation.
NanoFree™ Package
The SN74LVC2G241 device is designed specifically
Supports 5-V VCC Operation
to improve both the performance and density of 3-
Inputs Accept Voltages to 5.5 V
state memory-address drivers, clock drivers, and bus-
Max tpd of 4.1 ns at 3.3 V
oriented receivers and transmitters.
Low Power Consumption, 10-µA Maximum ICC
NanoFree
package
technology
is
a
major
±24-mA Output Drive at 3.3 V
breakthrough in IC packaging concepts, using the die
as the package.
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
The SN74LVC2G241 device is organized as two 1-bit
Typical VOHV (Output VOH Undershoot)
line drivers with separate output-enable (1OE, 2OE)
>2 V at VCC = 3.3 V, TA = 25°C
inputs. When 1OE is low and 2OE is high, the device
passes data from the A inputs to the Y outputs. When
Ioff Supports Live Insertion, Partial-Power-Down
1OE is high and 2OE is low, the outputs are in the
Mode, and Back-Drive Protection
high-impedance state.
Can Be Used as a Down Translator to Translate
To ensure the high-impedance state during power up
Inputs From a Max of 5.5 V Down
or power down, OE should be tied to VCC through a
to the VCC Level
pullup resistor, and OE should be tied to GND
Latch-Up Performance Exceeds 100 mA Per
through a pulldown resistor; the minimum value of the
JESD 78, Class II
resistor is determined by the current-sinking or the
ESD Protection Exceeds JESD 22
current-sourcing capability of the driver.
2000-V Human-Body Model (A114-A)
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
200-V Machine Model (A115-A)
outputs,
preventing
damaging
current
backflow
1000-V Charged-Device Model (C101)
through the device when it is powered down.
2 Applications
Device Information(1)
AV Receivers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Blu-ray Players and Home Theaters
SN74LVC2G241DCT
SM8 (8)
2.95 mm × 2.80 mm
DVD Recorders and Players
SN74LVC2G241DCU VSOOP (8)
2.30 mm × 2.00 mm
SN74LVC2G241YZP
DSBGA (8)
1.91 mm × 0.91 mm
Desktop or Notebook PCs
Digital Radio or Internet Radio Players
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Digital Video Cameras (DVC)
Embedded PCs
Logic Diagram (Positive Logic)
GPS: Personal Navigation Devices
Mobile Internet Devices
Network Projector Front-Ends
Portable Media Players
Pro Audio Mixers
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - 74LVC2G241DCUTE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LVC2G241DCUTE4 TI-74LVC2G241DCUTE4 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - 74LVC2G241DCUTE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC2G241 TI1-SN74LVC2G241_17 Datasheet
1,017Kb / 24P
[Old version datasheet]   Dual Buffer and Driver With 3-State Outputs
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
[Old version datasheet]   Dual Buffer Driver With 3-State Outputs
SN74AUC2G241 TI-SN74AUC2G241 Datasheet
266Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com