Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G139DCUTG4 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części 74LVC1G139DCUTG4
Szczegółowy opis  2-to-4 Line Decoder
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G139DCUTG4 Arkusz danych(HTML) 1 Page - Texas Instruments

  74LVC1G139DCUTG4 Datasheet HTML 1Page - Texas Instruments 74LVC1G139DCUTG4 Datasheet HTML 2Page - Texas Instruments 74LVC1G139DCUTG4 Datasheet HTML 3Page - Texas Instruments 74LVC1G139DCUTG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G139DCUTG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G139DCUTG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G139DCUTG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G139DCUTG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G139DCUTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Select
Inputs
Data
Outputs
A
1
B
2
Y3
3
Y2
5
Y1
6
Y0
7
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC1G139
SCES602D – AUGUST 2004 – REVISED AUGUST 2015
SN74LVC1G139 2-to-4 Line Decoder
1 Features
3 Description
This 2-to-4 line decoder is designed for 1.65-V to
1
Available in the Texas Instruments
5.5-V VCC operation.
NanoStar™ and NanoFree™ Packages
The LVC1G139 2-line to 4-line decoder is designed
Supports 5-V VCC Operation
to be used in high-performance memory-decoding or
Inputs Accept Voltages to 5.5 V
data-routing
applications
requiring
very
short
Supports Down Translation to VCC
propagation
delay
times.
In
high-performance
Maximum tpd of 4.9 ns at 3.3 V and 15 pF
memory systems, this decoder can be used to
minimize the effects of system decoding. When used
Low Power Consumption, 10-µA Maximum ICC
with high-speed memories using a fast enable circuit,
±24-mA Output Drive at 3.3 V
the delay times of these decoders and the enable
Ioff Supports Live Insertion, Partial-Power-Down
time of the memory usually are less than the typical
Mode, and Back-Drive Protection
access time of the memory. This means that the
effective system delay introduced by the decoder is
Latch-Up Performance Exceeds 100 mA Per
negligible.
JESD 78, Class II
NanoStar and NanoFree package technology is a
ESD Protection Exceeds JESD 22
major breakthrough in IC packaging concepts, using
2000-V Human-Body Model (A114-A)
the die as the package.
200-V Machine Model (A115-A)
This device is fully specified for partial-power-down
1000-V Charged-Device Model (C101)
applications using Ioff. The Ioff circuitry disables the
outputs,
preventing
damaging
current
backflow
2 Applications
through the device when it is powered down.
AV Receivers
Device Information(1)
Solid State Drives (SSDs): Client and Enterprise
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TVs: LCD/Digital and High-Definition (HDTVs)
SN74LVC1G139DC
SM8 (8)
2.95 mm × 2.80 mm
Tablets: Enterprise
T
Video Analytics: Server
SN74LVC1G139DC
VSSOP (8)
2.30 mm × 2.00 mm
U
SN74LVC1G139YZ
DSBGA (8)
1.91 mm × 0.91 mm
P
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - 74LVC1G139DCUTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LVC1G139DCUTG4 TI-74LVC1G139DCUTG4 Datasheet
402Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
More results

Podobny opis - 74LVC1G139DCUTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F_01 Datasheet
218Kb / 7P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139 Datasheet
146Kb / 10P
[Old version datasheet]   2-TO -4 LINE DECODER
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F Datasheet
203Kb / 6P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139_08 Datasheet
431Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
SN74LVC1G139 TI-SN74LVC1G139_07 Datasheet
402Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
logo
STMicroelectronics
M54HC155 STMICROELECTRONICS-M54HC155 Datasheet
244Kb / 11P
   DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74HC155AP TOSHIBA-TC74HC155AP_07 Datasheet
341Kb / 9P
   Dual 2-to-4 Line Decoder 3-to-8 Line Decoder
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com