Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAPA843VHGGA-J1900-ZIO Arkusz danych(PDF) 1 Page - Axiomtek Co., Ltd.

Numer części CAPA843VHGGA-J1900-ZIO
Szczegółowy opis  2 DDR3L SO-DIMM support up to 8 GB memory capacity
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXIOMTEK [Axiomtek Co., Ltd.]
Strona internetowa  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA843VHGGA-J1900-ZIO Arkusz danych(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA843VHGGA-J1900-ZIO Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
3
112
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Top view
Rear view
Ethernet 1/2
Features
CAPA843
Intel® Celeron® J1900 3.5" Embedded
SBC with LVDS/VGA/HDMI, Dual LANs,
Audio and ZIO
Intel® Celeorn® processor J1900
2 DDR3L SO-DIMM support up to 8 GB memory capacity
4 USB 2.0 ports and 1 USB 3.0 port
2 COM ports
I/O
Ordering Information
Display
System
Standard
CAPA843VHGGA-J1900
P/N: E38E843100)
3.5" embedded SBC with Intel® Celeron® processor J1900
(2~2.42 GHz, 2MB Cache, 10W), VGA/LVDS/HDMI, 2 GbE
LAN and audio
Optional
CAPA843VHGGA-J1900-ZIO
(P/N:E38E843102)
3.5" Embedded SBC with Intel® Celeron® processor J1900
(2~2.42 GHz, 2MB Cache, 10W), VGA/LVDS/HDMI, 2 GbE
LAN, audio and ZIO connector
AX93262
(P/N:E393262100)
ZIO module w/ four COM ports and one PCI Express Mini Card
AX93285
(P/N:E393285100)
ZIO module w/ two COM ports and 32 bit programmable DIO
AX93291
(P/N:E393291100)
ZIO module w/two COM ports and two Gigabit Ethernet
Packing List
Standard
Quick installation guide, User’s Manual/Utility CD and cable
Accessories
Part Number
Description
Qty
59382620000E
1 x COM w/bracket P=2.0 mm, L=300 mm
1
59384500100E
Audio cable w/bracket P=2.45 mm
1
594P8802800E
1 x USB 2.0 wafer cable
1
CPU
Intel® Celeron® processor J1900 quad core onboard
System Memory
2 x 204-pin DDR3L-1066/1333 SO-DIMM max. up to 8 GB
Chipset
SoC Integrated
BIOS
AMI
SSD
1 x mSATA
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x Full-size PCI Express Mini Card
1 x Full-size PCI Express Mini Card (USB only)
1 x USB, 1x PCIe x1, 1 x LPC, 1 x SMBus through a ZIO
connector
Battery Lithium
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+10V~24V DC-in
AT Auto Power On function supported
Power Requirements
Intel® Celeron® J1900 @2.0 GHz, 8 GB DDR3L
Max. RMS: +24V @ 0.5A
Size
146 x 104 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +70°C (-4°F ~ 158°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Chipset
Intel® HD Graphics
Memory Size
Share System memory
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel
1 x HDMI
MIO
1 x RS-232/422/485; with +5V/+12V powered
1 x RS-232
SATA
1 x SATA-300
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
2 ports 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i211AT
Audio
HD Codec audio as MIC-in/Line-in/Line-out with Realtek
ALC662
USB
4 x USB 2.0
1 x USB 3.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
8 channels IN/OUT programmed
USB 3.0
ZIO
Connector
( 1 x PCIex1,
1 x USB,
1 x LPC,
1 x SMBus)
USB 2.0 2/3
VGA
HDMI
Audio
LVDS
USB 2.0 1
+12V ~+24V
Input DC
SATA
COM 1/2
NEW
Full -size PCI
Express size
Mini Card
Full -size PCI Express
Mini Card (USB only)
w/mSATA supported
Dual DDR3L
SO-DIMM
Fanless
Low Power
Full Solid
Cap Design
AiRD
PCIe Mini
PCIe Mini
PCIe Mini
DualView
DDR3L
DDR3L
DDR3L


Podobny numer części - CAPA843VHGGA-J1900-ZIO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
CAPA843 AXIOMTEK-CAPA843_17 Datasheet
297Kb / 1P
   2 DDR3L-1066/1333 SO-DIMM, up to 8GB
More results

Podobny opis - CAPA843VHGGA-J1900-ZIO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
CAPA840 AXIOMTEK-CAPA840 Datasheet
325Kb / 1P
   2 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO880 AXIOMTEK-PICO880 Datasheet
237Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA848 AXIOMTEK-CAPA848 Datasheet
326Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO880 AXIOMTEK-PICO880_16 Datasheet
296Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA881 AXIOMTEK-CAPA881_16 Datasheet
322Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA841 AXIOMTEK-CAPA841_16 Datasheet
446Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
NANO840 AXIOMTEK-NANO840 Datasheet
394Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA842 AXIOMTEK-CAPA842_16 Datasheet
348Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO840 AXIOMTEK-PICO840_16 Datasheet
384Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO880 AXIOMTEK-PICO880_14 Datasheet
505Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com