Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFB4019PBF Arkusz danych(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Numer części IRFB4019PBF
Szczegółowy opis  Key Parameters Optimized for Class-D Audio Amplifier Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFB4019PBF Arkusz danych(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  IRFB4019PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFB4019PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFB4019PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFB4019PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFB4019PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFB4019PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFB4019PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Fig 13. Maximum Avalanche Energy Vs. Drain Current
Fig 12. On-Resistance Vs. Gate Voltage
Fig 14. Typical Avalanche Current Vs.Pulsewidth
Fig 15. Maximum Avalanche Energy Vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 14, 15:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long as neither
Tjmax nor Iav (max) is exceeded
3. Equation below based on circuit and waveforms shown in
Figures 17a, 17b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
∆T = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 14, 15).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
4
6
8
10
12
14
16
VGS, Gate-to-Source Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
TJ = 25°C
TJ = 125°C
ID = 10A
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
50
100
150
200
250
300
I D
TOP
1.3A
2.3A
BOTTOM
10A
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
20
40
60
80
TOP
Single Pulse
BOTTOM 1% Duty Cycle
ID = 10A
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
0.1
1
10
100
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
∆Τ j = 25°C and
Tstart = 150°C.
0.01
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
∆Tj = 150°C and
Tstart =25°C (Single Pulse)
IRFB4019PBF
2014-8-13
www.kersemi.com
5


Podobny numer części - IRFB4019PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFB4019PBF IRF-IRFB4019PBF Datasheet
278Kb / 7P
   DIGITAL AUDIO MOSFET
IRFB4019PBF IRF-IRFB4019PBF Datasheet
287Kb / 8P
   Low QRR for Better THD and Lower EMI
IRFB4019PBF IRF-IRFB4019PBF_15 Datasheet
287Kb / 8P
   Low QRR for Better THD and Lower EMI
More results

Podobny opis - IRFB4019PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7665S2PBF IRF-IRF7665S2PBF Datasheet
253Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFS5615PBF IRF-IRFS5615PBF_15 Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
logo
Kersemi Electronic Co.,...
IRFB4212 KERSEMI-IRFB4212 Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF KERSEMI-IRFB4212PBF Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
logo
International Rectifier
IRFS4020PBF IRF-IRFS4020PBF_15 Datasheet
337Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFB5615PBF IRF-IRFB5615PBF_15 Datasheet
277Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB5620PBF IRF-IRFB5620PBF_15 Datasheet
274Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB4020PBF IRF-IRFB4020PBF_15 Datasheet
647Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF IRF-IRFB4212PBF_15 Datasheet
298Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
logo
Kersemi Electronic Co.,...
IRFB4019 KERSEMI-IRFB4019 Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com