Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPI21N10 Arkusz danych(PDF) 3 Page - Infineon Technologies AG

Numer części SPI21N10
Szczegółowy opis  SIPMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI21N10 Arkusz danych(HTML) 3 Page - Infineon Technologies AG

  SPI21N10 Datasheet HTML 1Page - Infineon Technologies AG SPI21N10 Datasheet HTML 2Page - Infineon Technologies AG SPI21N10 Datasheet HTML 3Page - Infineon Technologies AG SPI21N10 Datasheet HTML 4Page - Infineon Technologies AG SPI21N10 Datasheet HTML 5Page - Infineon Technologies AG SPI21N10 Datasheet HTML 6Page - Infineon Technologies AG SPI21N10 Datasheet HTML 7Page - Infineon Technologies AG SPI21N10 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2002-01-31
Page 3
Preliminary data
SPI21N10
SPP21N10,SPB21N10
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS2*ID*RDS(on)max ,
ID=15.0A
6.5
12.4
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
650
865
pF
Output capacitance
Coss
-
140
186
Reverse transfer capacitance
Crss
-
80
120
Turn-on delay time
td(on)
VDD=50V, VGS=10V,
ID=21A, RG=13
-
10
15
ns
Rise time
tr
-
56
84
Turn-off delay time
td(off)
-
37
55
Fall time
tf
-
23
35
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=80V, ID=21A
-
3.9
5.2
nC
Gate to drain charge
Qgd
-
15.5
23.3
Gate charge total
Qg
VDD=80V, ID=21A,
VGS=0 to 10V
-
28.9
38.4
Gate plateau voltage
V(plateau) VDD=80V, ID=21A
-
6.2
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TC=25°C
-
-
21
A
Inverse diode direct current,
pulsed
ISM
-
-
84
Inverse diode forward voltage
VSD
VGS=0V, IF=21A
-
0.94
1.25
V
Reverse recovery time
trr
VR=50V, IF=lS,
diF/dt=100A/µs
-
65
81.5
ns
Reverse recovery charge
Qrr
-
153
192
nC


Podobny numer części - SPI21N10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
SPI21N50C3 INFINEON-SPI21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPI21N50C3 INFINEON-SPI21N50C3 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPI21N50C3 INFINEON-SPI21N50C3 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
logo
Inchange Semiconductor ...
SPI21N50C3 ISC-SPI21N50C3 Datasheet
355Kb / 3P
   Isc N-Channel MOSFET Transistor
More results

Podobny opis - SPI21N10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com