Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS51221-M018QFNR Arkusz danych(PDF) 4 Page - Semtech Corporation

Numer części TS51221-M018QFNR
Szczegółowy opis  High Efficiency Regulator IC for Wireless Power Receiver Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51221-M018QFNR Arkusz danych(HTML) 4 Page - Semtech Corporation

  TS51221-M018QFNR Datasheet HTML 1Page - Semtech Corporation TS51221-M018QFNR Datasheet HTML 2Page - Semtech Corporation TS51221-M018QFNR Datasheet HTML 3Page - Semtech Corporation TS51221-M018QFNR Datasheet HTML 4Page - Semtech Corporation TS51221-M018QFNR Datasheet HTML 5Page - Semtech Corporation TS51221-M018QFNR Datasheet HTML 6Page - Semtech Corporation TS51221-M018QFNR Datasheet HTML 7Page - Semtech Corporation TS51221-M018QFNR Datasheet HTML 8Page - Semtech Corporation TS51221-M018QFNR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TS51221
Final Datasheet
Rev 1.1
April 6, 2015
www.semtech.com
4 of 18
Semtech
Thermal Characteristics
Symbol
Parameter
Value
Units
ΘJA
ThermalResistanceJunctiontoAir(Note1)
34.5
°C/W
ΘJC
ThermalResistanceJunctiontoCase(Note1)
2.5
°C/W
TSTG
StorageTemperatureRange
-65to150
°C
TJMAX
MaximumJunctionTemperature
150
°C
TJ
OperatingJunctionTemperatureRange
-40to125
°C
Note 1: Assumes 16LD 3x3 QFN with hi-K JEDEC board and 13.5 inch2 of 1 oz Cu and 4 thermal vias connected to PAD
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
V
CC
InputOperatingVoltage
4.5
12
24
V
CBST
BootstrapCapacitor
17.6
22
26.4
nF
LOUT
OutputFilterInductorTypicalValue(Note1)
3.76
4.7
5.64
uH
COUT
OutputFilterCapacitorTypicalValue(Note2)
33
44(2x22)
uF
COUT-ESR
OutputFilterCapacitorESR
2
100
CBYPASS
InputSupplyBypassCapacitorTypicalValue(Note3)
8
10
uF
Note 1: For best performance, an inductor with a saturation current rating higher than the maximum V
OUT load requirement plus the inductor
current ripple.
Note 2: For best performance, a low ESR ceramic capacitor should be used.
Note 3: For best performance, a low ESR ceramic capacitor should be used. If C
BYPASS is not a low ESR ceramic capacitor, a 0.1uF ceramic
capacitor should be added in parallel to CBYPASS.


Podobny numer części - TS51221-M018QFNR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
TS51223 SEMTECH-TS51223 Datasheet
2Mb / 20P
   Wireless Power Receiver
TS51224 SEMTECH-TS51224 Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
TS51224-M000WCSR SEMTECH-TS51224-M000WCSR Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
More results

Podobny opis - TS51221-M018QFNR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
   Wireless Charging System Receiver IC for Low Power Applications
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TSDMRX-5W-EVM SEMTECH-TSDMRX-5W-EVM Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51111 SEMTECH-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
logo
Maxic Technology Corpor...
MT5715 MAXIC-MT5715 Datasheet
250Kb / 2P
   A High Efficiency Wireless Power Receiver
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
   Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com