Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1679-INE3 Arkusz danych(PDF) 9 Page - Gennum Corporation

Numer części GS1679-INE3
Szczegółowy opis  Cable Driver with HD/SD Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1679-INE3 Arkusz danych(HTML) 9 Page - Gennum Corporation

Back Button GS1679-INE3 Datasheet HTML 5Page - Gennum Corporation GS1679-INE3 Datasheet HTML 6Page - Gennum Corporation GS1679-INE3 Datasheet HTML 7Page - Gennum Corporation GS1679-INE3 Datasheet HTML 8Page - Gennum Corporation GS1679-INE3 Datasheet HTML 9Page - Gennum Corporation GS1679-INE3 Datasheet HTML 10Page - Gennum Corporation GS1679-INE3 Datasheet HTML 11Page - Gennum Corporation GS1679-INE3 Datasheet HTML 12Page - Gennum Corporation GS1679-INE3 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
GS1679 Cable Driver with HD/SD Capability
Data Sheet
54175 - 1
March 2011
9 of 16
Figure 3-2: VOUT vs. RSET
For other swing values, the following formula should be used:
VOUT = 600,000/Rset
Where:
VOUT is the single-ended output swing in mV
Rset
is the Rset resistor value in Ω
Termination resistors assumed to be 75Ω
Table 3-3: Typical RSET Values
RSET (Ω)
Output Swing (mV)
500
1200*
750
800
1000
600
*NOTE: In order to generate output swings greater than 1040mV, VCC_TERM must be
connected to a 5V supply.
1.25
1.0
0.75
0.5
0.25
0.250
0.500
0.750
1.0
1.25
1.5
RSET (k
Ω)


Podobny numer części - GS1679-INE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670-IBE3 SEMTECH-GS1670-IBE3 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS1670A GENNUM-GS1670A Datasheet
9Mb / 130P
   Ancillary data extraction
logo
Semtech Corporation
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results

Podobny opis - GS1679-INE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Texas Instruments
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
[Old version datasheet]   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
   HD-LINX III SD-SDI Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
   3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com