Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1679-INTE3Z Arkusz danych(PDF) 8 Page - Gennum Corporation

Numer części GS1679-INTE3Z
Szczegółowy opis  Cable Driver with HD/SD Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1679-INTE3Z Arkusz danych(HTML) 8 Page - Gennum Corporation

Back Button GS1679-INTE3Z Datasheet HTML 4Page - Gennum Corporation GS1679-INTE3Z Datasheet HTML 5Page - Gennum Corporation GS1679-INTE3Z Datasheet HTML 6Page - Gennum Corporation GS1679-INTE3Z Datasheet HTML 7Page - Gennum Corporation GS1679-INTE3Z Datasheet HTML 8Page - Gennum Corporation GS1679-INTE3Z Datasheet HTML 9Page - Gennum Corporation GS1679-INTE3Z Datasheet HTML 10Page - Gennum Corporation GS1679-INTE3Z Datasheet HTML 11Page - Gennum Corporation GS1679-INTE3Z Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
GS1679 Cable Driver with HD/SD Capability
Data Sheet
54175 - 1
March 2011
8 of 16
3.3 Output Disable
The GS1679 supports an output disable function for each serial digital differential
output.
Control of this function is determined by the setting of the DISABLE1 and DISABLE2
control pins.
The serial output disables (DISABLE1 and DISABLE2), disable power to the current mode
serial digital output drivers. When asserted LOW, the SDO/SDO output drivers are
powered-down.
When DISABLE1 and DISABLE2 are driven LOW simultaneously, the entire device is
powered down, and the power consumption is minimized.
3.4 Output Amplitude (RSET)
The output amplitude of the GS1679 can be adjusted by changing the value of the RSET
resistor as shown in Figure 3-2. For an 800mVp-p output with a nominal ±7% tolerance,
a value of 750Ω is required. A ±1% SMT resistor should be used.
The RSET resistor is part of the GS1679’s high-speed output circuit. The resistor should
be placed as close as possible to the RSET pin, and be connected directly to the VCC plane
(traces/wires may cause instability). In addition, the PCB capacitance should be
minimized at this node by removing the PCB groundplane beneath the RSET resistor and
the RSET pin.
NOTE:
Care should be taken when considering layout of the RSET resistor. Please refer
to Section 4.1 for more details.
Table 3-1: Slew Rate Selection
SD/HD
Rise/Fall Time
0
292M compliant
1
SMPTE 259M compliant
FloatingSMPTE 259M compliant
Table 3-2: Output Disable
DISABLE1
DISABLE2
SDO1/SDO1
SDO2/SDO2
0
0 or Floating
All Chip Power Down
01
High-Impedance
Operational
1 or Floating
0 or Floating
Operational
High-Impedance
1 or Floating
1
Operational
Operational
Floating
Floating
Operational
High-Impedance


Podobny numer części - GS1679-INTE3Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670-IBE3 SEMTECH-GS1670-IBE3 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS1670A GENNUM-GS1670A Datasheet
9Mb / 130P
   Ancillary data extraction
logo
Semtech Corporation
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results

Podobny opis - GS1679-INTE3Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Texas Instruments
LMH0303 TI1-LMH0303 Datasheet
948Kb / 27P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver With Cable Detect
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
[Old version datasheet]   3 Gbps HD/SD SDI Cable Driver with Cable Detect
logo
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
   HD-LINX III SD-SDI Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0307 NSC-LMH0307 Datasheet
303Kb / 14P
   3 Gbps HD/SD SDI Dual Cable Driver with Cable Detect
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com