Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2988-INTE3 Arkusz danych(PDF) 1 Page - Gennum Corporation

Numer części GS2988-INTE3
Szczegółowy opis  Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2988-INTE3 Arkusz danych(HTML) 1 Page - Gennum Corporation

  GS2988-INTE3 Datasheet HTML 1Page - Gennum Corporation GS2988-INTE3 Datasheet HTML 2Page - Gennum Corporation GS2988-INTE3 Datasheet HTML 3Page - Gennum Corporation GS2988-INTE3 Datasheet HTML 4Page - Gennum Corporation GS2988-INTE3 Datasheet HTML 5Page - Gennum Corporation GS2988-INTE3 Datasheet HTML 6Page - Gennum Corporation GS2988-INTE3 Datasheet HTML 7Page - Gennum Corporation GS2988-INTE3 Datasheet HTML 8Page - Gennum Corporation GS2988-INTE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
GS2988 Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
1 of 17
GS2988 Dual-Slew-Rate, Cable Driver with 3Gb/s
Capability
Data Sheet
52131 - 4
December 2010
www.gennum.com
Features
• SMPTE 424M, SMPTE 292M and SMPTE 259M
compliant
• Supports DVB-ASI at 270Mb/s
• Supports data rates from 270Mb/s to 2.97Gb/s
• Wide common-mode range input buffer
100mV sensitivity
supports DC-coupling to industry-standard
differential logic
on-chip 100Ω differential data input termination
• Input signal trace equalization
• Differential coaxial-cable-driving output
selectable slew rates
adjustable output swing from 500mVpp to
1800mVpp
DISABLE control
• Robust output signal presence function
• Excellent output eye quality
• Power supply operation at 3.3V or 2.5V
• 110mW power consumption (2.5V supply)
• Operating temperature range: -40°C to +85°C
• Small footprint QFN package (4mm x 4mm)
Drop-in compatible to the GS2978
• Pb-free and RoHS compliant
Applications
• SMPTE 424M, SMPTE 292M and SMPTE 259M coaxial
cable serial digital interfaces
Description
The GS2988 is a high-speed BiCMOS integrated circuit
designed to drive one to two 75Ω coaxial cables.
The GS2988 may drive data rates up to 2.97Gb/s and
provides two selectable slew rates in order to achieve
compliance to SMPTE 424M, SMPTE 292M and SMPTE
259M.
The GS2988 accepts industry-standard differential input
levels including LVPECL and CML.
Input trace equalization compensates for up to 10 inches of
FR4 trace loss while in HD and 3G modes. This feature can
be disabled using the EQ_EN pin.
The DISABLE pin powers-down the entire device.
The GS2988 features adjustable output swing using an
external bias resistor. The single-ended output swing is
adjustable from 500mVpp to 1800mVpp.
An output signal presence function, the OSP pin, indicates
whether an active signal is present at the output of the
GS2988.
The GS2988 can be powered from either a 3.3V or a 2.5V
supply. Power consumption is typically 110mW using a
2.5V power supply.
The GS2988 is Pb-free, and the encapsulation compound
does not contain halogenated flame retardant.
This component and all homogeneous subcomponents are
RoHS compliant.


Podobny numer części - GS2988-INTE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2988-INTE3 SEMTECH-GS2988-INTE3 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
GS2988-INTE3Z SEMTECH-GS2988-INTE3Z Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
More results

Podobny opis - GS2988-INTE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Texas Instruments
UA9636A TI1-UA9636A Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com