Zakładka z wyszukiwarką danych komponentów |
|
LC21-4-5-0-04 Arkusz danych(PDF) 1 Page - Vectron International, Inc |
|
LC21-4-5-0-04 Arkusz danych(HTML) 1 Page - Vectron International, Inc |
|
1 / 1 page 02 April 2002 Specification for LC band pass filter: L C 2 1 . 4 - 5 . 0 / 0 4 V 1 1. General 1.1. Package: 1.2. Type name: LC 21.4-5.0/04V1 1.3. Number of poles: 4 1.4. Operating temperature range: -20°C to +70°C 1.5. Storage temperature range: -40°C to +85°C 2. Electric values 2.1. Nominal centre frequency fo: 21.4 MHz 2.2. Pass band 2.2.1. Bandwidth between 3 dB - frequencies: fo 2.5 MHz 2.2.2. Ripple: 1.5 dB at fo 1.5 MHz 2.2.3. Group delay distortion: 0.15 µs at fo 2.5 MHz 2.2.4. Insertion loss: 3.0 dB 2.3. Stop band 2.3.1. fo 10.0 MHz 45 dB 2.3.2. fo 15.0 MHz 60 dB 2.3.3. Alternate attenuation: 60 dB 2.4. Terminating impedance ( input and output ): 50 // 0 pF 2.5. Intermodulation frequency 1 / 2: fo + 200 kHz / fo -200 kHz input power level : 0 dBm IM: 70 dB 3. Marking: manufacturer, date code LC 21.4-5.0/04V1 4. Environment conditions: Corresponding to Vectron standard CF001 ____________________________________________________________________________________ Edited by: date: _____________________________ name: _________________________________ |
Podobny numer części - LC21-4-5-0-04 |
|
Podobny opis - LC21-4-5-0-04 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |