Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS33003-M012QFNR Arkusz danych(PDF) 11 Page - Semtech Corporation

Numer części TS33003-M012QFNR
Szczegółowy opis  High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS33003-M012QFNR Arkusz danych(HTML) 11 Page - Semtech Corporation

Back Button TS33003-M012QFNR Datasheet HTML 7Page - Semtech Corporation TS33003-M012QFNR Datasheet HTML 8Page - Semtech Corporation TS33003-M012QFNR Datasheet HTML 9Page - Semtech Corporation TS33003-M012QFNR Datasheet HTML 10Page - Semtech Corporation TS33003-M012QFNR Datasheet HTML 11Page - Semtech Corporation TS33003-M012QFNR Datasheet HTML 12Page - Semtech Corporation TS33003-M012QFNR Datasheet HTML 13Page - Semtech Corporation TS33003-M012QFNR Datasheet HTML 14Page - Semtech Corporation TS33003-M012QFNR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TS33001/2/3
Final Datasheet
Rev 1.6
January 15, 2016
www.semtech.com
11 of 16
Semtech
Proprietary & Confidential
Mold compound
Die
Epoxy Die attach
Exposed pad
Solder
5% - 10% Cu coverage
Single Layer, 2oz Cu
Ground Layer, 1oz Cu
Signal Layer, 1oz Cu
Bottom Layer, 2oz Cu
Thermal Vias with Cu plating
90% Cu coverage
20% Cu coverage
Note: NOT to Scale
The above drawing is a representation of how the heat can be conducted away from the die using an exposed pad package. Each
application will have different requirements and limitations and therefore the user should use sufficient copper to dissipate the
power in the system. The output current rating for the linear regulators may have to be de-rated for ambient temperatures above
85C. The de-rate value will depend on calculated worst case power dissipation and the thermal management implementation in
the application.
Application Using A Single Layer PCB
Use as much Copper Area
as possible for heat spread
Package Thermal Pad
Package Outline
Layout recommendations for a Single Layer PCB: utilize as much Copper Area for Power Management. In a single layer board
application the thermal pad is attached to a heat spreader (copper areas) by using low thermal impedance attachment method
(solder paste or thermal conductive epoxy).
In both of the methods mentioned above it is advisable to use as much copper traces as possible to dissipate the heat.
IMPORTANT:
If the attachment method is NOT implemented correctly, the functionality of the product is not guaranteed. Power dissipation
capability will be adversely affected if the device is incorrectly mounted onto the circuit board.


Podobny numer części - TS33003-M012QFNR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS3300 TOUCHSTONE-TS3300 Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

Podobny opis - TS33003-M012QFNR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Taiwan Semiconductor Co...
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
   3A/350kHz Synchronous Buck DC/DC Converter
logo
Anpec Electronics Corop...
APW8835 ANPEC-APW8835 Datasheet
227Kb / 14P
   24V, 3A DC-DC Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com