Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM10KW12A Arkusz danych(PDF) 1 Page - Protek Devices

Numer części SM10KW12A
Szczegółowy opis  60 KILOWATT TVS COMPONENTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PROTEC [Protek Devices]
Strona internetowa  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM10KW12A Arkusz danych(HTML) 1 Page - Protek Devices

  SM10KW12A Datasheet HTML 1Page - Protek Devices SM10KW12A Datasheet HTML 2Page - Protek Devices SM10KW12A Datasheet HTML 3Page - Protek Devices SM10KW12A Datasheet HTML 4Page - Protek Devices SM10KW12A Datasheet HTML 5Page - Protek Devices SM10KW12A Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05468.R5 9/15
Page 1
SM10KW10A - SM10KW36A
60 KILOWATT TVS COMPONENTS
DESCRIPTION
The SM10KWxxA Series are high-powered surface mount transient voltage suppression components designed to pro-
tect equipment and systems from the damaging effects of high voltage spikes. The DFN-2-KW surface mount package
configuration provides a lower profile at a reduce cost.
These devices provide 60 kilowatts of peak pulse power dissipation for an 8/20µs waveform. Applications include
relay drive protection module and secondary lightning protection.
FEATURES
• RTCA DO-160G COMPLIANT PRODUCT
• IEC Compatibility 61000-4-5 (Surge): 48A, 8/20µs - L3(Line-Ground),
L4(Line-Line) & L1 (Power)
• 60 kilowatts Peak Pulse Power per Line (tp = 8/20µs)
• 8.5 kilowatts Peak Pulse Power per Line (tp = 10/1000µs)
• Unidirectional Configuration
• Easy Mounting to Printed Circuit Board
• RoHS Compliant
• REACH Compliant
MECHANICAL CHARACTERISTICS
• Molded DFN-2-KW
• Approximate Weight: 2.5 grams
• Lead-Free Silver Plating
• Solder Reflow Temperature: 260-270°C
• Flammability Rating UL 94V-0
APPLICATIONS
• Relay Drives
• Motor (Start/Stop) Back EMF Protection
• Module Lightning Protection
• Secondary Lightning Protection
APPLICATION
DFN-2-KW PACKAGE
RTCA DO-160G COMPLIANT PRODUCT


Podobny numer części - SM10KW12A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Protek Devices
SM10KW PROTEC-SM10KW_15 Datasheet
430Kb / 6P
   60 KILOWATT TVS COMPONENTS
More results

Podobny opis - SM10KW12A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Protek Devices
SM10KW PROTEC-SM10KW_15 Datasheet
430Kb / 6P
   60 KILOWATT TVS COMPONENTS
PRSB6.8C PROTEC-PRSB6.8C_07 Datasheet
70Kb / 4P
   STANDARD TVS COMPONENTS
PRSB6.8CF PROTEC-PRSB6.8CF Datasheet
74Kb / 4P
   STANDARD TVS COMPONENTS
P0201D05C PROTEC-P0201D05C Datasheet
107Kb / 3P
   STANDARD TVS COMPONENTS
PRSB68C PROTEC-PRSB68C Datasheet
93Kb / 5P
   STANDARD TVS COMPONENTS
logo
API Technologies Corp
1467 APITECH-1467 Datasheet
518Kb / 1P
   1 Kilowatt Peak Power
logo
Protek Devices
SM30KWEXXA PROTEC-SM30KWEXXA Datasheet
526Kb / 7P
   30 kilowa tt TVS ComponentS
logo
Sames
SA2102D SAMES-SA2102D Datasheet
428Kb / 16P
   Single Phase Kilowatt-hour Metering IC
logo
Lineage Power Corporati...
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
   4 Bay / 10 Kilowatt Power Shelf
logo
Ultralife Corporation.
URB0001 ULTRALIFE-URB0001 Datasheet
210Kb / 2P
   Li-ion Multi-Kilowatt Module
Rev: C
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com