Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TZY2K450AC01 Arkusz danych(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Numer części TZY2K450AC01
Szczegółowy opis  Ceramic Trimmer Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA [Murata Manufacturing Co., Ltd.]
Strona internetowa  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2K450AC01 Arkusz danych(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button TZY2K450AC01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZY2K450AC01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZY2K450AC01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZY2K450AC01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TZY2K450AC01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TZY2K450AC01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. TZY2K450AC01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. TZY2K450AC01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. TZY2K450AC01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Ceramic Trimmer Capacitors
TZY2 Series
3.2±0.2
0.45
0.5
(
Tolerance: ±0.1)
in mm
Insulation Resistance: 10000M ohm
Torque: 0.7 to 4.9mNm
Operating Temperature Range: -25 to +85°C
Cover
Metal Rotor
Monolithic
Stator
c Construction
Part Number
C min. (max.)
(pF)
C max.
(pF)
TC
Q
Rated Voltage
Withstanding Voltage
TZY2Z010AC01
0.6
1.0 +100/-0%
NP0±300ppm/°C
200min. at 200MHz, Cmax.
25Vdc
55Vdc
TZY2Z2R5AC01
1.0
2.5 +100/-0%
NP0±300ppm/°C
200min. at 200MHz, Cmax.
25Vdc
55Vdc
TZY2Z030AC01
1.5
3.0 +100/-0%
NP0±300ppm/°C
300min. at 1MHz, Cmax.
25Vdc
55Vdc
TZY2Z060AC01
2.5
6.0 +100/-0%
NP0±300ppm/°C
500min. at 1MHz, Cmax.
25Vdc
55Vdc
TZY2Z100AC01
3.0
10.0 +100/-0%
NP0±300ppm/°C
500min. at 1MHz, Cmax.
25Vdc
55Vdc
TZY2R200AC01
4.5
20.0 +100/-0%
N750±500ppm/°C
500min. at 1MHz, Cmax.
25Vdc
55Vdc
TZY2R250AC01
5.5
25.0 +100/-0%
N750±500ppm/°C
300min. at 1MHz, Cmax.
25Vdc
55Vdc
TZY2K450AC01
8.0
45.0 +100/-0%
N1000±500ppm/°C
300min. at 1MHz, Cmax.
25Vdc
55Vdc
T13E.pdf
Mar.12,2015
8
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
c Features
1. Small and thin size with external dimensions
of 2.5(W)x3.2(L)x1.25max.(H)mm.
2. New shape of cover can improve the flux invasion
compared with current products.
3. Improvement of the adhesion between rotor and
stator leads to superior stability.
4. Unique construction with no plastic material
provides superior soldering heat resistance to
maintain excellent characteristic performance
after reflow soldering.
5. Suitable for high frequency circuit due to high
self-resonant frequency (4.8GHz of TZY2Z010 at
1.0pF setting).
c Applications
1. Crystal oscillators
9. Remote keyless entry systems
2. Crystal filters
10. W-LAN
3. Stylus pen
11. Radar detectors
4. Cordless telephones
12. Compact radios
5. PHS
13. DVD
6. Hand radios
14. Burglarproof devices
7. Cellular telephones
15. Headphone stereos
8. Watches


Podobny numer części - TZY2K450AC01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
TZY2K450AC01B00 MURATA-TZY2K450AC01B00 Datasheet
203Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2K450AC01B00 MURATA1-TZY2K450AC01B00 Datasheet
270Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
TZY2K450AC01B00 MURATA1-TZY2K450AC01B00_V01 Datasheet
270Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
logo
Murata Manufacturing Co...
TZY2K450AC01R00 MURATA-TZY2K450AC01R00 Datasheet
203Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2K450AC01R00 MURATA1-TZY2K450AC01R00 Datasheet
270Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
More results

Podobny opis - TZY2K450AC01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com