Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA6192-V Arkusz danych(PDF) 2 Page - Infineon Technologies AG

Numer części TDA6192-V
Szczegółowy opis  Gain-controlled IF Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA6192-V Arkusz danych(HTML) 2 Page - Infineon Technologies AG

  TDA6192-V Datasheet HTML 1Page - Infineon Technologies AG TDA6192-V Datasheet HTML 2Page - Infineon Technologies AG TDA6192-V Datasheet HTML 3Page - Infineon Technologies AG TDA6192-V Datasheet HTML 4Page - Infineon Technologies AG TDA6192-V Datasheet HTML 5Page - Infineon Technologies AG TDA6192-V Datasheet HTML 6Page - Infineon Technologies AG TDA6192-V Datasheet HTML 7Page - Infineon Technologies AG TDA6192-V Datasheet HTML 8Page - Infineon Technologies AG TDA6192-V Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
CONFIDENTIAL
Revision History: Current Version: V1.1, October 2000
Previous Version:target Data Sheet V1.0, April 2000
Page
(in previous
Version)
Page
(in current
Version)
Subjects (major changes since last revision)
all
all
version to V1.1, date to October 2000
div
div
TDA6192-V in VQFN-20 package
3-3 ff
3-3 ff
DC levels added
5-2
5-2
Thermal resistance TDA6192-T to 230 K/W
5-4
5-4
Current consumption: tbfs replaced
Revision History: Current Version: V1.2, March 2001
Previous Version:target Data Sheet V1.1, October 2000
Page
(in previous
Version)
Page
(in current
Version)
Subjects (major changes since last revision)
all
all
status to preliminary,version to V1.2, date to March 2001
5-2
5-2
Footnote ESD-Protection changed
5-4
5-4
Current consumption changed, VREF vs temperature: Tamb changed , IF input
voltage: typ value added, Take-over point voltage: typ value added and disable
threshold specified, IF AGC voltage deleted
5-5
5-5
Tuner AGC max. slope, Intermodulation, SNR: typ value added, OIP3 added
5-7, 5-8, 5-9
Diagrams added
Revision History: Current Version: V1.3, April 2001
Previous Version:target Data Sheet V1.2, March 2001
Page
(in previous
Version)
Page
(in current
Version)
Subjects (major changes since last revision)
all
all
status to preliminary, version to V1.3, date to April 2001
3-4
3-4
pins 13, 14: DC level corrected
5-4
5-4
Current consumption corrected
Revision History: Current Version: V2.0, February 2002
Previous Version:target Data Sheet V1.3, April 2001
Page
(in previous
Version)
Page
(in current
Version)
Subjects (major changes since last revision)
all
all
status to final, version to V2.0, date to February 2002


Podobny numer części - TDA6192-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TDA6190 INFINEON-TDA6190 Datasheet
781Kb / 30P
   DVB-IF Mixer
Version 1.4, 2004-05-17
TDA6190T INFINEON-TDA6190T Datasheet
781Kb / 30P
   DVB-IF Mixer
Version 1.4, 2004-05-17
More results

Podobny opis - TDA6192-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RF Micro Devices
RF2601 RFMD-RF2601 Datasheet
781Kb / 11P
   GAIN CONTROLLED IF AMPLIFIER
RF3330 RFMD-RF3330_06 Datasheet
163Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330 Datasheet
143Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330_1 Datasheet
313Kb / 10P
   IF GAIN CONTROLLED AMPLIFIER
logo
Maxim Integrated Produc...
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
   IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
logo
Linear Technology
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514_15 Datasheet
285Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com