Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSB50325A Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części FSB50325A
Szczegółowy opis  Motion SPMR 5 Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50325A Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button FSB50325A_14 Datasheet HTML 4Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 5Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 6Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 7Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 8Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 9Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 10Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 11Page - Fairchild Semiconductor FSB50325A_14 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
©2012 Fairchild Semiconductor Corporation
8
www.fairchildsemi.com
FSB50325A, FSB50325AT, FSB50325AS Rev. C5
Figure 10. Example of Application Circuit
4th Notes:
1. About pin position, refer to Figure 1.
2. RC-coupling (R5 and C5, R4 and C6) and C4 at each input of Motion SPM
® 5 product and MCU are useful to prevent improper input signal caused by surge-noise.
3. The voltage-drop across R3 affects the low-side switching performance and the bootstrap characteristics since it is placed between COM and the source terminal of the low-
side MOSFET. For this reason, the voltage-drop across R3 should be less than 1 V in the steady-state.
4. Ground-wires and output terminals, should be thick and short in order to avoid surge-voltage and malfunction of HVIC.
5. All the filter capacitors should be connected close to Motion SPM 5 product, and they should have good characteristics for rejecting high-frequency ripple current.
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
(1 ) COM
(2 ) VB(U)
(3 ) VCC(U)
(4 ) IN(UH)
(5 ) IN(UL)
(6 ) N.C
(7 ) VB(V)
(8 ) VCC(V)
(9 ) IN(VH)
(10 ) IN(VL)
(11 ) VTS
(12 ) VB(W)
(13 ) VCC(W)
(14 ) IN(WH)
(15 ) IN(WL)
(16 ) N.C
(17) P
(18 ) U , VS(U)
(19) NU
(22) NW
C1
15 V
Supply
C3
VDC
C2
R3
R4
C6
R5
C5
For current-sensing and protection
VTS
(21 ) V , VS(V)
(20) NV
(23 ) W , VS(W)
C
4
M


Podobny numer części - FSB50325A_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FSB50325AS ONSEMI-FSB50325AS Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
logo
Fairchild Semiconductor
FSB50325AT FAIRCHILD-FSB50325AT Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
logo
ON Semiconductor
FSB50325AT ONSEMI-FSB50325AT Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
More results

Podobny opis - FSB50325A_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSB50825A FAIRCHILD-FSB50825A Datasheet
459Kb / 10P
   Motion SPMR 5 Series
FSB50760SFS FAIRCHILD-FSB50760SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SF FAIRCHILD-FSB50660SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SFS FAIRCHILD-FSB50660SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com