Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSBB15CH60D Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części FSBB15CH60D
Szczegółowy opis  Motion SPMR 3 Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB15CH60D Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button FSBB15CH60D Datasheet HTML 4Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 5Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 6Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 7Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 8Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 9Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 10Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 11Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
©2015 Fairchild Semiconductor Corporation
8
www.fairchildsemi.com
FSBB15CH60D Rev. 1.0
Bootstrap Diode Part
Control Part
Note:
7. Short-circuit current protection is functioning only at the low-sides.
8. TLVIC is the temperature of LVIC itself. VTS is only for sensing temperature of LVIC and can not shutdown IGBTs automatically.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VF
Forward Voltage
IF = 0.1 A, TJ = 25°C
-
2.5
-
V
trr
Reverse Recovery Time
IF = 0.1 A, dIF / dt = 50 A / s, TJ = 25°C
-
80
-
ns
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IQCCH
Quiescent VCC Supply
Current
VCC(H) = 15 V,
IN(UH,VH,WH) = 0 V
VCC(H) - COM
-
-
0.60
mA
IQCCL
VCC(L) = 15 V,
IN(UL,VL, WL) = 0 V
VCC(L) - COM
-
-
6.0
mA
IPCCH
Operating VCC Supply
Current
VCC(H) = 15 V, fPWM = 20 kHz,
duty = 50%, applied to one
PWM signal input for High-
Side
VCC(H) - COM
-
-
2.0
mA
IPCCL
VCC(L) = 15V, fPWM = 20 kHz,
duty = 50%, applied to one
PWM signal input for Low-
Side
VCC(L) - COM
-
-
10.0
mA
IQBS
Quiescent VBS Supply
Current
VBS = 15 V,
IN(UH, VH, WH) = 0 V
VB(U) - VS(U),
VB(V) - VS(V),
VB(W) - VS(W)
--
0.50
mA
IPBS
Operating VBS Supply
Current
VCC = VBS = 15 V,
fPWM = 20 kHz, duty = 50%,
applied to one PWM signal
input for High-Side
VB(U) - VS(U),
VB(V) - VS(V),
VB(W) - VS(W)
--
2.0
mA
VFOH
Fault Output Voltage
VCC = 15 V, VSC = 0 V, VFO Circuit: 4.7 k to 5 V
Pull-up
4.5
-
-
V
VFOL
VCC = 15 V, VSC = 1 V, VFO Circuit: 4.7 k to 5 V
Pull-up
--
0.5
V
VSC(ref)
Short Circuit Trip Level
VCC = 15 V (Note 7)
CSC - COM(L)
0.45
0.50
0.55
V
UVCCD
Supply Circuit Under-
Voltage Protection
Detection Level
9.8
-
13.3
V
UVCCR
Reset Level
10.3
-
13.8
V
UVBSD
Detection Level
10.0
-
12.0
V
UVBSR
Reset Level
10.5
-
12.5
V
tFOD
Fault-Out Pulse Width
50
-
-
s
VTS
LVIC Temperature
Sensing Voltage Output
VCC(L) = 15 V, TLVIC = 25°C (Note 8)
See Figure 7
540
640
740
mV
VIN(ON)
ON Threshold Voltage
Applied between IN(UH, VH, WH) - COM,
IN(UL, VL, WL) - COM
--
2.6
V
VIN(OFF)
OFF Threshold Voltage
0.8
-
-
V


Podobny numer części - FSBB15CH60D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FSBB15CH60D ONSEMI-FSBB15CH60D Datasheet
757Kb / 17P
   Motion SPM 3 Series
August 2015 Rev. 1.0
More results

Podobny opis - FSBB15CH60D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
FNB33060T FAIRCHILD-FNB33060T Datasheet
1Mb / 15P
   Motion SPMR 3 Series
FSBB20CH60D FAIRCHILD-FSBB20CH60D Datasheet
718Kb / 15P
   Motion SPMR 3 Series
FSBB30CH60CT FAIRCHILD-FSBB30CH60CT Datasheet
664Kb / 15P
   Motion SPMR 3 Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FNB50560T1 FAIRCHILD-FNB50560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com