Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2422TE Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części LM2422TE
Szczegółowy opis  Monolithic Triple Channel 30 MHz CRT DTV Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2422TE Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM2422TE Datasheet HTML 5Page - Texas Instruments LM2422TE Datasheet HTML 6Page - Texas Instruments LM2422TE Datasheet HTML 7Page - Texas Instruments LM2422TE Datasheet HTML 8Page - Texas Instruments LM2422TE Datasheet HTML 9Page - Texas Instruments LM2422TE Datasheet HTML 10Page - Texas Instruments LM2422TE Datasheet HTML 11Page - Texas Instruments LM2422TE Datasheet HTML 12Page - Texas Instruments LM2422TE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
OBSOLETE
LM2422TE
www.ti.com
SNOSAL1D – JANUARY 2005 – REVISED APRIL 2013
PC BOARD LAYOUT CONSIDERATIONS
For optimum performance, an adequate ground plane, isolation between channels, good supply bypassing and
minimizing unwanted feedback are necessary. Also, the length of the signal traces from the signal inputs to the
LM2422 and from the LM2422 to the CRT cathode should be as short as possible. The following references are
recommended:
Ott, Henry W., “Noise Reduction Techniques in Electronic Systems”, John Wiley & Sons, New York, 1976.
“Video Amplifier Design for Computer Monitors”, TI Application Note 1013.
Pease, Robert A., “Troubleshooting Analog Circuits”, Butterworth-Heinemann, 1991.
Because of its high small signal bandwidth, the part may oscillate in a TV if feedback occurs around the video
channel through the chassis wiring. To prevent this, leads to the video amplifier input circuit should be shielded,
and input circuit wiring should be spaced as far as possible from output circuit wiring.
TYPICAL APPLICATION
A typical application of the LM2422 is shown in Figure 14. Used in conjunction with a pre-amp with a 1.2V black
level output no buffer transistors are required to obtain the correct black level at the cathodes. If the pre-amp has
a black level closer to 2V, then an NPN transistor should be used to drop the video black level voltage closer to
1.2V.
The neck board in Figure 14 has two transistors in each channel enabling this board to work with pre-amps with
a black level output as high as 2.5V. Some popular AVPs do have a black level of 2.5V. For lower black levels
either one or both transistors would not be used.
It is important that the TV designer use component values for the driver output stage close to the values shown
in Figure 14. These values have been selected to protect the LM2422 from arc over. Diodes D1–D6 must also be
used for proper arc over protection. The TI demonstration board can be used to evaluate the LM2422 in a TV.
TI DEMONSTRATION BOARD
Figure 15 shows the routing and component placement on the TI LM2422 demonstration board. This board
provides a good example of a layout that can be used as a guide for future layouts. Note the location of the
following components:
C4—VCC bypass capacitor, located very close to pin 2 and ground pins
C6—VBB bypass capacitor, located close to pin 11 and ground
C5, C8—VCC bypass capacitors, near LM2422 and VCC clamp diodes. Very important for arc protection.
The routing of the LM2422 outputs to the CRT is very critical to achieving optimum performance. Figure 16
shows the routing and component placement from pin 10 (VOUT1) of the LM2422 to the blue cathode. Note that
the components are placed so that they almost line up from the output pin of the LM2422 to the blue cathode pin
of the CRT connector. This is done to minimize the length of the video path between these two components.
Note also that D1, D2 and R3 are placed to minimize the size of the video nodes that they are attached to. This
minimizes parasitic capacitance in the video path and also enhances the effectiveness of the protection diodes.
The anode of protection diode D2 is connected directly to a section of the ground plane that has a short and
direct path to the heater ground and the LM2422 ground pins. The cathode of D1 is connected to VCC very close
to decoupling capacitor C5 which is connected to the same area of the ground trace as D2. The diode placement
and routing is very important for minimizing the voltage stress on the LM2422 during an arc over event.
This demonstration board uses large PCB holes to accommodate socket pins, which function to allow for multiple
insertions of the LM2422 in a convenient manner. To benefit from the enhanced LM2422 package with thin
leads, the device should be secured in small PCB holes to optimize the metal-to-metal spacing between the
leads.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2422TE


Podobny numer części - LM2422TE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results

Podobny opis - LM2422TE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2426TE NSC-LM2426TE Datasheet
808Kb / 12P
   Monolithic Triple Channel 30 MHz DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
logo
Texas Instruments
LM2450 TI1-LM2450 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2451 TI1-LM2451 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com