Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2470 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części LM2470
Szczegółowy opis  Monolithic Triple 7.0 ns High Swing CRT Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2470 Arkusz danych(HTML) 2 Page - Texas Instruments

  LM2470 Datasheet HTML 1Page - Texas Instruments LM2470 Datasheet HTML 2Page - Texas Instruments LM2470 Datasheet HTML 3Page - Texas Instruments LM2470 Datasheet HTML 4Page - Texas Instruments LM2470 Datasheet HTML 5Page - Texas Instruments LM2470 Datasheet HTML 6Page - Texas Instruments LM2470 Datasheet HTML 7Page - Texas Instruments LM2470 Datasheet HTML 8Page - Texas Instruments LM2470 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
OBSOLETE
LM2470
SNOSAA3B – APRIL 2004 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Note: Tab is at GND
Figure 2. Top View
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VCC)
+96V
Bias Voltage (VBB)
+16V
Input Voltage (VIN)
0V to 4.5V
Storage Temperature Range (TSTG)
−65°C to +150°C
Lead Temperature (Soldering, <10 sec.)
300°C
Human Body Model
2 kV
ESD Tolerance
Machine Model
250V
(1)
All voltages are measured with respect to GND, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
Operating Ranges
(1)
VCC
+60V to +85V
VBB
+7V to +15V
VIN
+0V to +3.75V
VOUT
+15V to +75V
Case Temperature
−20°C to +100°C
Do not operate the part without a heat sink.
(1)
Operating ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured
specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
Some performance characteristics may change when the device is not operated under the listed test conditions.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2470


Podobny numer części - LM2470

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2470TA NSC-LM2470TA Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
More results

Podobny opis - LM2470

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2471 NSC-LM2471 Datasheet
663Kb / 10P
   Monolithic Triple 4 ns High Swing CRT Driver
LM2460 NSC-LM2460 Datasheet
951Kb / 11P
   Monolithic Triple Channel High Swing CRT Driver
logo
Texas Instruments
LM2460 TI1-LM2460 Datasheet
2Mb / 13P
[Old version datasheet]   Monolithic Triple Channel High Swing CRT Driver
logo
National Semiconductor ...
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com