Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3647 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części LM3647
Szczegółowy opis  Universal Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3647 Arkusz danych(HTML) 4 Page - Texas Instruments

  LM3647 Datasheet HTML 1Page - Texas Instruments LM3647 Datasheet HTML 2Page - Texas Instruments LM3647 Datasheet HTML 3Page - Texas Instruments LM3647 Datasheet HTML 4Page - Texas Instruments LM3647 Datasheet HTML 5Page - Texas Instruments LM3647 Datasheet HTML 6Page - Texas Instruments LM3647 Datasheet HTML 7Page - Texas Instruments LM3647 Datasheet HTML 8Page - Texas Instruments LM3647 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
OBSOLETE
LM3647
SNOS517H – MARCH 2000 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VCC)
7V
Voltage at Any Pin
−0.3V to VCC +0.3V
Total Current into VCC Pin (Source)
100 mA
Total Current out of GND Pin (Sink)
110 mA
Storage Temperature Range
-65°C to +140°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC Electrical Specifications are not
ensured when operating the device at absolute maximum ratings.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
DC ELECTRICAL CHARACTERISTICS
−40°C ≤ TA ≤ +85°C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
4.5
5.5
V
Supply Current
2.5
mA
LED-pin Sink Current
7.5
15
mA
Temperature Input Levels
Ni-Cd/Ni-MH Upper Limit
(Voltage at TEMP-pin)
3.15
V
Li-Ion Upper Limit
(Voltage at TEMP-pin)
3.0
V
Lower Limit
(Voltage at TEMP-pin)
0.5
V
Start Limit
(Voltage at TEMP-pin)
2.2
V
L-Ion (for both 4.1 and 4.2V Cells)
Maintenance Charge Minimum Voltage
(CEL pin)
2.6
V
Maintenance Charge Restart Voltage
(CEL pin)
2.153
V
Good Battery Threshold
(CEL pin)
1.2
V
Maintenance Current
(Voltage at CS-pin)
2.3
V
Maintenance Current Lower Threshold
(Voltage at CS-pin)
2.42
V
Minimum Current Fast Charge Termination
(Voltage at CS-pin)
2.3
V
Qualification Current
(Voltage at CS-pin)
2.3
V
Maximum Charging Current
(Voltage at CS-pin)
1.5
V
Ni-Cd/Ni-MH
Maximum Battery Voltage
(CEL pin)
3.017
V
Maximum Battery Current
(Voltage at CS-pin)
1.5
V
Battery Presence Limit
(CEL pin)
1.0
V
Discharged Battery Limit
(CEL pin)
1.7
V
Good Battery Threshold
(CEL pin)
1.2
V
Soft Start Current
(Voltage at CS-pin)
2.3
V
Topping Charge Current
(Voltage at CS-pin)
2.3
V
Maintenance Charge Current
(Voltage at CS-pin)
2.425
2.45
V
VREF
2.5
V
AC ELECTRICAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
RCIN Frequency
R = 3.3 k
Ω, C = 68 pF
2.5
MHz
Fast-PWM Frequency
250
Hz
Slow-PWM Frequency
0.1
Hz
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3647


Podobny numer części - LM3647

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3647 NSC-LM3647 Datasheet
272Kb / 17P
   Universal Battery Charger for Li-Ion, Ni-MH and Ni-Cd Batteries
LM3647IM NSC-LM3647IM Datasheet
272Kb / 17P
   Universal Battery Charger for Li-Ion, Ni-MH and Ni-Cd Batteries
More results

Podobny opis - LM3647

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
AN2390 STMICROELECTRONICS-AN2390 Datasheet
578Kb / 42P
   A flexible universal battery charger
logo
Power Integrations, Inc...
DI-12 POWERINT-DI-12 Datasheet
44Kb / 2P
   16 W, Universal Input, Lead Acid Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC3588 FUMAN-TC3588 Datasheet
216Kb / 6P
   Universal charger
TC3586 FUMAN-TC3586 Datasheet
252Kb / 5P
   Universal charger
TC3588C FUMAN-TC3588C Datasheet
139Kb / 6P
   Universal charger
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
   Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
   BATTERY CHARGER
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
   BATTERY CHARGER
logo
STMicroelectronics
GSCC-8507BC STMICROELECTRONICS-GSCC-8507BC Datasheet
68Kb / 4P
   BATTERY CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com