Zakładka z wyszukiwarką danych komponentów |
|
SN74LVC1G386DSFR Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
SN74LVC1G386DSFR Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 23 page SN74LVC1G386 www.ti.com SCES439E – APRIL 2003 – REVISED DECEMBER 2013 Switching Characteristics over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 1) –40°C to 85°C FROM TO VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 5 V PARAMETER UNIT (INPUT) (OUTPUT) ± 0.15 V ± 0.2 V ± 0.3 V ± 0.5 V MIN MAX MIN MAX MIN MAX MIN MAX tpd A, B, or C Y 3 9.4 1.3 5 0.8 4.5 0.5 3.5 ns Switching Characteristics over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 2) –40°C to 85°C FROM TO VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 5 V PARAMETER UNIT (INPUT) (OUTPUT) ± 0.15 V ± 0.2 V ± 0.3 V ± 0.5 V MIN MAX MIN MAX MIN MAX MIN MAX tpd A, B, or C Y 3.5 12 1.8 5.5 1.3 5 1 4 ns Switching Characteristics over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 2) –40°C to 125°C FROM TO VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 5 V PARAMETER UNIT (INPUT) (OUTPUT) ± 0.15 V ± 0.2 V ± 0.3 V ± 0.5 V MIN MAX MIN MAX MIN MAX MIN MAX tpd A, B, or C Y 3.5 14.8 1.8 7.2 1.3 6.4 1 5.1 ns Operating Characteristics TA = 25°C VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 5 V PARAMETER TEST CONDITIONS UNIT TYP TYP TYP TYP Cpd Power dissipation capacitance f = 10 MHz 17.5 18 19 22 pF Copyright © 2003–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: SN74LVC1G386 |
Podobny numer części - SN74LVC1G386DSFR |
|
Podobny opis - SN74LVC1G386DSFR |