Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML324S-15ERW Arkusz danych(PDF) 3 Page - MicroPower Direct, LLC

Numer części ML324S-15ERW
Szczegółowy opis  Low Cost, 3W SMT 2:1 Input Range DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPD [MicroPower Direct, LLC]
Strona internetowa  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML324S-15ERW Arkusz danych(HTML) 3 Page - MicroPower Direct, LLC

  ML324S-15ERW Datasheet HTML 1Page - MicroPower Direct, LLC ML324S-15ERW Datasheet HTML 2Page - MicroPower Direct, LLC ML324S-15ERW Datasheet HTML 3Page - MicroPower Direct, LLC ML324S-15ERW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
www.micropowerdirect.com
EMC Specifications
Parameter
Standard
Radiated Emissions
See Note 1
EN 55022
Class A
Conducted Emissions
See Note 1
EN 55022
Class A
ESD
EN 61000-4-2
Criteria B; ±4 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT
See Note 2
EN 61000-4-4
Criteria B; ±2 kV
Surge
See Note 3
EN 61000-4-5
Criteria B; ±2 kV
CS
EN 61000-4-6
Criteria A; 3 Vrms
Voltage Dips
EN 61000-4-29
Criteria B; 0% - 70%
Typical Connection
The diagram above illustrates a typical connection of the ML300ERW series
for applications that require meeting EMC standards.The units do not require
external components to operate as specified. Some notes on this diagram
(starting with the input circuit) are:
1. It is recommended that an external fuse be used.The recommended fuse
is shown in the model chart on page 2.
2. An external MOV is recommended on the input to protect the unit in the
event of a surge. A recommended value is given in the table at right.
3. An external TVS is recommended on the input to protect the unit in the
event of a voltage spike. A recommended value is given in the table at
right.
4. The output filtering capacitor (C4) is a high frequency, low resistance
electrolytic capacitor. Care must be taken in choosing this capacitor not
to exceed the capacitive load specification for the unit. The board layout
illustration below shows a connection for dual output units.Voltage derating
of capacitors should be 80% or above.
Notes:
1. All units are rated for EN 55022 (CE/RE) class A without external components.
They will meet class B with the addition of the MDCFM-0x (or a similar discrete
filter circuit). Contact the factory for more information.
2. To meet the requirements of EN 61000-4-4 (±2 kV or ±4 kV), external com-
ponents are needed. This can be done discretely, or with the addition of the
MDCFM-0x. Contact the factory for more information.
3. To meet the requirements of EN 61000-4-5 (±2 kV), external components are
needed. This can be done discretely, or with the addition of the MDCFM-0x.
Contact the factory for more information.
Typical Board Layout: With External Filter/Surge Components
5. Recommended values for components are:
Component
12 VIN
24 VIN
48 VIN
MOV
- - -
10D560
10D101
L1
- - -
56 µH
56 µH
TVS
SMCJ28A
SMCJ48A
SMCJ90A
C1
680 µF/25V
120 µF/50V
120 µF/100V
C2
4.7 µF/50V
4.7 µF/50V
4.7 µF/100V
L2
4.7 µH
4.7 µH
C3
4.7 µF/50V
4.7 µF/50V
4.7 µF/100V
C4
10 µF
10 µF
10 µF
6. Input noise and surge suppression modules are available for a
number of MPD DC/DC power supplies.For pricing or full techni-
cal information on these modules please contact the factory.
Typical Connection: With External Filter Module MDCFM-0x
Vin
(VDC)
Input
Capacitor
Vout
(VDC)
Output
Capacitor
12
100 µF
5.0
10 µF
24
10 - 47 µF
12
10 µF
48
10 - 47 µF
15
10 µF
7. In many applications simply adding input/output capacitors will
enhance the input surge pro-
tection and reduce output
ripple sufficiently. The input
capacitor C1 and output cap-
acitor C4 shown in the typical
connection diagram above
(and board layout drawing
below) illustrate their connection. Recommended capacitor values are
given in the table at right.
For 12V and 24V input models, the value of C1 should be a 330 µF/50V. For 48V input models, the value of C1 should be a 330 µF/100V. For more information on the
MDCFM-0x, please contact the factory.


Podobny numer części - ML324S-15ERW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
ML324S-15RU MPD-ML324S-15RU Datasheet
687Kb / 2P
   Ultra-Compact, 3W Wide 4:1 Input, SMT DC/DC Con vert ers
More results

Podobny opis - ML324S-15ERW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
F2000ERW MPD-F2000ERW Datasheet
225Kb / 2P
   Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters
B1500ERW MPD-B1500ERW Datasheet
233Kb / 2P
   Low Cost, 1 x 2 Inch 15W, 2:1 Input Range DC/DC Converters
A300ERU MPD-A300ERU Datasheet
218Kb / 2P
   Low Cost, 4:1 Input 3W Single & Dual Output DC/DC Converters
MB1500ERU MPD-MB1500ERU Datasheet
722Kb / 4P
   Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
B1000ERW MPD-B1000ERW Datasheet
200Kb / 2P
   Low Cost 1 x 2 Inch 10W Wide Input Range DC/DC Converters
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DA-3KVDC TOPPOWER-TP03DA-3KVDC Datasheet
198Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
TP03DB TOPPOWER-TP03DB Datasheet
200Kb / 4P
   3W Wide Range Input Voltage DC/DC Converters
logo
List of Unclassifed Man...
EC6A11 ETC2-EC6A11 Datasheet
137Kb / 3P
   7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC6A CINCON-EC6A Datasheet
183Kb / 2P
   7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com